Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24239PVC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY24239PVC
Description  Spread Spectrum Frequency Timing Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24239PVC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY24239PVC Datasheet HTML 2Page - Cypress Semiconductor CY24239PVC Datasheet HTML 3Page - Cypress Semiconductor CY24239PVC Datasheet HTML 4Page - Cypress Semiconductor CY24239PVC Datasheet HTML 5Page - Cypress Semiconductor CY24239PVC Datasheet HTML 6Page - Cypress Semiconductor CY24239PVC Datasheet HTML 7Page - Cypress Semiconductor CY24239PVC Datasheet HTML 8Page - Cypress Semiconductor CY24239PVC Datasheet HTML 9Page - Cypress Semiconductor CY24239PVC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY24239
Document #: 38-07038 Rev. **
Page 6 of 15
Writing Data Bytes
Each bit in Data Bytes 0–7 controls a particular device function
except for the “reserved” bits which must be written as a logic
0. Bits are written MSB (most significant bit) first, which is bit 7.
Table 5 gives the bit formats for registers located in Data Bytes
0–7.
Table 6 details additional frequency selections that are avail-
able through the serial data interface.
Table 7 details the select functions for Byte 0, bits 1 and 0.
Table 5. Data Bytes 0–7 Serial Configuration Map
Bit(s)
Affected Pin
Control Function
Bit Control
Default
Pin No.
Pin Name
0
1
Data Byte 0
7
--
--
(Reserved)
--
--
0
6
--
--
SEL2
Refer to Table 6
0
5
--
--
SEL1
Refer to Table 6
0
4
--
--
SEL0
Refer to Table 6
0
3
--
--
Frequency Table Selection
Frequency Con-
trolled by FS(3:0) Ta-
ble 2
Frequency Con-
trolled by SEL(3:0)
Table 6
0
2
--
--
SEL3
Refer to Table 6
0
1
--
--
(Reserved)
--
--
0
0
--
Test Mode
--
Normal
Three-stated
0
Data Byte 1
7--
--
--
--
--
0
6--
--
--
--
--
0
5--
--
--
--
--
0
4--
--
--
--
--
0
3
46
SDRAM16
Clock Output Disable
LOW
Active
1
2
49
CPU2
Clock Output Disable
LOW
Active
1
1
51
CPU1
Clock Output Disable
LOW
Active
1
0
52
CPU_F
Clock Output Disable
LOW
Active
1
Data Byte 2
7
--
--
(Reserved)
--
--
0
6
8
PCI_F
Clock Output Disable
LOW
Active
1
5
16
PCI5
Clock Output Disable
LOW
Active
1
4
14
PCI4
Clock Output Disable
LOW
Active
1
3
13
PCI3
Clock Output Disable
LOW
Active
1
2
12
PCI2
Clock Output Disable
LOW
Active
1
1
11
PCI1
Clock Output Disable
LOW
Active
1
0
9
PCI0
Clock Output Disable
LOW
Active
1
Data Byte 3
7
--
--
(Reserved)
--
--
0
6
--
--
(Reserved)
--
--
0
5
29
48MHz
Clock Output Disable
LOW
Active
1
4
30
24MHz
Clock Output Disable
LOW
Active
1
3
33, 32,
25, 24
SDRAM12:15
Clock Output Disable
LOW
Active
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com