Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24239PVC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY24239PVC
Description  Spread Spectrum Frequency Timing Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24239PVC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY24239PVC Datasheet HTML 1Page - Cypress Semiconductor CY24239PVC Datasheet HTML 2Page - Cypress Semiconductor CY24239PVC Datasheet HTML 3Page - Cypress Semiconductor CY24239PVC Datasheet HTML 4Page - Cypress Semiconductor CY24239PVC Datasheet HTML 5Page - Cypress Semiconductor CY24239PVC Datasheet HTML 6Page - Cypress Semiconductor CY24239PVC Datasheet HTML 7Page - Cypress Semiconductor CY24239PVC Datasheet HTML 8Page - Cypress Semiconductor CY24239PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY24239
Document #: 38-07038 Rev. **
Page 2 of 15
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CPU1:2
51, 49
O
CPU Outputs 1 and 2: Frequency is set by the FS0:3 inputs or through serial input
interface, see Table 2 and Table 6. These outputs are affected by the CLK_STOP# input.
CPU_F
52
O
Free-Running CPU Output: Frequency is set by the FS0:3 inputs or through serial input
interface, see Table 2 and Table 6. This output is not affected by the CLK_STOP# input.
PCI1:5
11, 12, 13, 14,
16
O
PCI Outputs 1 through 5: Frequency is set by the FS0:3 inputs or through serial input
interface, see Table 2 and Table 6. These outputs are affected by the PCI_STOP# input.
PCI0/FS3
9
I/O
PCI Output/Frequency Select Input: As an output, frequency is set by the FS0:3 inputs
or through serial input interface, see Table 2 and Table 6. This output is affected by the
PCI_STOP# input. When an input, latches data selecting the frequency of the CPU and
PCI outputs.
PCI_F/MODE
8
I/O
Free Running PCI Output: Frequency is set by the FS0:3 inputs or through serial input
interface, see Table 2 and Table 6. This output is not affected by the PCI_STOP# input.
When an input, selects function of pin 3 as described in Table 1.
CLK_STOP#
47
I
CLK_STOP# Input: When brought LOW, affected outputs are stopped LOW after com-
pleting a full clock cycle (2–3 CPU clock latency). When brought HIGH, affected outputs
start beginning with a full clock cycle (2–3 CPU clock latency).
IOAPIC_F
54
O
Free-running IOAPIC Output: This output is a buffered version of the reference input
which is not affected by the CPU_STOP# logic input. Its swing is set by voltage applied
to VDDQ3.
IOAPIC0
55
I/O
IOAPIC Output: Provides 14.318-MHz fixed frequency. The output voltage swing is set
by voltage applied to VDDQ3. This output is disabled when CLK_STOP# is set LOW.
48MHz/FS1
29
I/O
48-MHz Output: 48 MHz is provided in normal operation. In standard systems, this
output can be used as the reference for the Universal Serial Bus. Upon power-up, FS1
input will be latched, setting output frequencies as described in Table 2.
24MHz/FS0
30
I/O
24-MHz Output: 24 MHz is provided in normal operation. In standard systems, this
output can be used as the clock input for a Super I/O chip. Upon power up, FS0 input
will be latched, setting output frequencies as described in Table 2.
REF1/FS2
2
I/O
Reference Output: 14.318 MHz is provided in normal operation. Upon power-up, FS2
input will be latched, setting output frequencies as described in Table 2.
REF0
(PCI_STOP#)
3
I/O
Fixed 14.318-MHz Output 0 or PCI_STOP# Pin: Function determined by MODE pin.
The PCI_STOP# input enables the PCI 0:5 outputs when HIGH and causes them to
remain at logic 0 when LOW. The PCI_STOP signal is latched on the rising edge of
PCI_F. Its effects take place on the next PCI_F clock cycle. As an output, this pin provides
a fixed clock signal equal in frequency to the reference signal provided at the X1/X2 pins
(14.318 MHz).
SDRAMIN
17
I
Buffered Input Pin: The signal provided to this input pin is buffered to 17 outputs
(SDRAM0:16).
SDRAM0:16
44, 43, 41, 40,
39, 38, 36, 35,
22, 21, 19, 18,
33, 32, 25, 24,
46
O
Buffered Outputs: These seventeen dedicated outputs provide copies of the signal
provided at the SDRAMIN input. The swing is set by VDDQ3, and they are deactivated
when CLK_STOP# input is set LOW.
SCLK
28
I
Clock pin for SMBus circuitry.
SDATA
27
I/O
Data pin for SMBus circuitry.
X1
5
I
Crystal Connection or External Reference Frequency Input: This pin has dual func-
tions. It can be used as an external 14.318-MHz crystal connection or as an external
reference frequency input.
X2
6
I
Crystal Connection: An input connection for an external 14.318-MHz crystal. If using
an external reference, this pin must be left unconnected.
VDDQ3
1, 7, 15, 20,
31, 37, 45, 50,
56
P
Power Connection: Power supply for core logic, PLL circuitry, SDRAM output buffers,
PCI output buffers, reference output buffers and 48-MHz/24-MHz output buffers. Con-
nect to 3.3V.
GND
4, 10, 23, 26,
34, 42, 48, 53
G
Ground Connections: Connect all ground pins to the common system ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com