Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24239PVC Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY24239PVC
Description  Spread Spectrum Frequency Timing Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24239PVC Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY24239PVC Datasheet HTML 7Page - Cypress Semiconductor CY24239PVC Datasheet HTML 8Page - Cypress Semiconductor CY24239PVC Datasheet HTML 9Page - Cypress Semiconductor CY24239PVC Datasheet HTML 10Page - Cypress Semiconductor CY24239PVC Datasheet HTML 11Page - Cypress Semiconductor CY24239PVC Datasheet HTML 12Page - Cypress Semiconductor CY24239PVC Datasheet HTML 13Page - Cypress Semiconductor CY24239PVC Datasheet HTML 14Page - Cypress Semiconductor CY24239PVC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CY24239
Document #: 38-07038 Rev. **
Page 12 of 15
SDRAM 0:16 Clock Outputs (Lump Capacitance Test Load = 22 pF)
Parameter
Description
Test Condition/
Comments
SDRAMIN =
100 MHz
Unit
Min.
Typ.
Max.
tP
Period
Measured on rising edge at 1.5V
10
10.5
ns
tH
High Time
Duration of clock cycle above 2.4V
3.0
ns
tL
Low Time
Duration of clock cycle below 0.4V
2.0
ns
tR
Output Rise Edge
Rate
Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge
Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at
1.5V
45
55
%
tSK
Output Skew
Measured on rising and falling edge at
1.5V
250
ps
tPD
Propagation
Delay
Measured from SDRAMIN
3.7
ns
Zo
AC Output
Impedance
Average value during switching transi-
tion. Used for determining series termi-
nation value.
15
Ω
48-MHz Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
f
Frequency, Actual
Determined by PLL divider ratio (see m/n below)
48.008
MHz
fD
Deviation from 48 MHz
(48.008 – 48)/48
+167
ppm
m/n
PLL Ratio
(14.31818 MHz x 57/17 = 48.008 MHz)
57/17
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to fre-
quency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
25
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com