Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24239PVC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY24239PVC
Description  Spread Spectrum Frequency Timing Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24239PVC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY24239PVC Datasheet HTML 7Page - Cypress Semiconductor CY24239PVC Datasheet HTML 8Page - Cypress Semiconductor CY24239PVC Datasheet HTML 9Page - Cypress Semiconductor CY24239PVC Datasheet HTML 10Page - Cypress Semiconductor CY24239PVC Datasheet HTML 11Page - Cypress Semiconductor CY24239PVC Datasheet HTML 12Page - Cypress Semiconductor CY24239PVC Datasheet HTML 13Page - Cypress Semiconductor CY24239PVC Datasheet HTML 14Page - Cypress Semiconductor CY24239PVC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY24239
Document #: 38-07038 Rev. **
Page 13 of 15
24-MHz Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
f
Frequency, Actual
Determined by PLL divider ratio (see m/n below)
24.004
MHz
fD
Deviation from 24 MHz
(24.004 – 24)/24
+167
ppm
m/n
PLL Ratio
(14.31818 MHz x 57/34 = 24.004 MHz)
57/34
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to fre-
quency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
25
Ω
Ordering Information
Ordering Code
Package Type
CY24239PVC
56-pin SSOP (300 mils)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com