Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24239PVC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY24239PVC
Description  Spread Spectrum Frequency Timing Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24239PVC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY24239PVC Datasheet HTML 4Page - Cypress Semiconductor CY24239PVC Datasheet HTML 5Page - Cypress Semiconductor CY24239PVC Datasheet HTML 6Page - Cypress Semiconductor CY24239PVC Datasheet HTML 7Page - Cypress Semiconductor CY24239PVC Datasheet HTML 8Page - Cypress Semiconductor CY24239PVC Datasheet HTML 9Page - Cypress Semiconductor CY24239PVC Datasheet HTML 10Page - Cypress Semiconductor CY24239PVC Datasheet HTML 11Page - Cypress Semiconductor CY24239PVC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CY24239
Document #: 38-07038 Rev. **
Page 8 of 15
Note:
2.
CPU and PCI frequency selections are listed in Table 2 and Table 6.
Table 6. Additional Frequency Selections through Serial Data Interface Data Bytes
Input Conditions
Output Frequency
Spread Spectrum
Data Byte 0, Bit 3 = 1
CPU, SDRAM
Clocks (MHz)
PCI Clocks
(MHz)
Percentage
Bit 2
SEL_3
Bit 6
SEL_2
Bit 5
SEL_1
Bit 4
SEL_0
1111
91.66
30.5
OFF
1110
75.0
25.0
OFF
1101
100.0
33.3
OFF
1100
83.3
27.76
OFF
1011
66.6
33.3
OFF
1010
105.0
26.3
OFF
1001
110.0
27.5
OFF
1000
133.3
33.3
OFF
0111
91.66
30.5
–1.2%
0110
75.0
25.0
–1.2%
0101
100.0
33.3
–1.2%
0100
83.3
27.76
–1.2%
0011
91.66
30.5
–2.4%
0010
75.0
25.0
–2.4%
0001
100.0
33.3
–2.4%
0000
83.3
27.76
–2.4%
Table 7. Select Function for Data Byte 0, Bits 0
Function
Input Conditions
Output Conditions
Data Byte 0
CPU_F, 1:2
PCI_F,
PCI0:5
REF0:1,
IOAPIC0,_F
48MHZ
24MHZ
Bit 0
Normal Operation
0
Note 2
Note 2
14.318 MHz
48 MHz
24 MHz
Three-state
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com