Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24239PVC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY24239PVC
Description  Spread Spectrum Frequency Timing Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24239PVC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY24239PVC Datasheet HTML 7Page - Cypress Semiconductor CY24239PVC Datasheet HTML 8Page - Cypress Semiconductor CY24239PVC Datasheet HTML 9Page - Cypress Semiconductor CY24239PVC Datasheet HTML 10Page - Cypress Semiconductor CY24239PVC Datasheet HTML 11Page - Cypress Semiconductor CY24239PVC Datasheet HTML 12Page - Cypress Semiconductor CY24239PVC Datasheet HTML 13Page - Cypress Semiconductor CY24239PVC Datasheet HTML 14Page - Cypress Semiconductor CY24239PVC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY24239
Document #: 38-07038 Rev. **
Page 11 of 15
PCI Clock Outputs, PCI0:5 (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
tP
Period
Measured on rising edge at 1.5V
30
ns
tH
High Time
Duration of clock cycle above 2.4V
12
ns
tL
Low Time
Duration of clock cycle below 0.4V
12
ns
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V. Maximum
difference of cycle time between two adjacent cycles.
250
ps
tSK
Output Skew
Measured on rising edge at 1.5V
500
ps
tO
CPU to PCI Clock Skew
Covers all CPU/PCI outputs. Measured on rising
edge at 1.5V. CPU leads PCI output.
1.5
4
ns
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to frequency
stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
15
Ω
IOAPIC0 and IOAPIC_F Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
f
Frequency, Actual
Frequency generated by crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.0V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.0V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.25V
45
55
%
fST
Frequency Stabilization from
Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior to
frequency stabilization.
1.5
ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
15
Ω
REF0:1 Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
f
Frequency, Actual
Frequency generated by crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization from
Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior to
frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
25
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com