Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24239PVC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY24239PVC
Description  Spread Spectrum Frequency Timing Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24239PVC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY24239PVC Datasheet HTML 1Page - Cypress Semiconductor CY24239PVC Datasheet HTML 2Page - Cypress Semiconductor CY24239PVC Datasheet HTML 3Page - Cypress Semiconductor CY24239PVC Datasheet HTML 4Page - Cypress Semiconductor CY24239PVC Datasheet HTML 5Page - Cypress Semiconductor CY24239PVC Datasheet HTML 6Page - Cypress Semiconductor CY24239PVC Datasheet HTML 7Page - Cypress Semiconductor CY24239PVC Datasheet HTML 8Page - Cypress Semiconductor CY24239PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Spread Spectrum Frequency Timing Generator
CY24239
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07038 Rev. **
Revised May 18, 2001
39
Features
• Maximized EMI Suppression using Cypress’s Spread
Spectrum Technology
• –1.2% and –2.4% Spread Spectrum support
• Three copies of CPU output
• Seven copies of PCI output
• One 48-MHz output for USB / One 24-MHz for SIO
• Two buffered reference outputs
• Two IOAPIC outputs
• Seventeen SDRAM outputs provide support for
4DIMMs
• SMBus interface for programming
• Power management control inputs
Key Specifications
CPU Cycle-to-Cycle Jitter: .......................................... 250 ps
CPU to CPU Output Skew: ......................................... 350 ps
PCI to PCI Output Skew: ............................................ 500 ps
SDRAMIN to SDRAM0:16 Delay: ..........................3.7 ns typ.
VDDQ3: .................................................................... 3.3V±5%
Intel is a registered trademark of Intel Corporation.
Table 1. Mode Input Table
Mode
Pin 3
0PCI_STOP#
1REF0
Table 2. Pin Selectable Frequency
Input Address
CPU_F,
CPU1:2
(MHz)
PCI_F,
PCI0:5
(MHz)
Spread
Spec-
trum
FS3
FS2
FS1
FS0
1
1
1
1
91.66
30.5
OFF
111
0
75.0
25.0
OFF
1
1
0
1
100.0
33.3
OFF
1
1
0
0
83.3
27.76
OFF
101
1
66.6
33.3
OFF
1
0
1
0
105.0
26.3
OFF
1
0
0
1
110.0
27.5
OFF
1
0
0
0
133.3
33.3
OFF
0
1
1
1
91.66
30.5
–1.2%
011
0
75.0
25.0
–1.2%
0
1
0
1
100.0
33.3
–1.2%
0
1
0
0
83.3
27.76
–1.2%
0
0
1
1
91.66
30.5
–2.4%
001
0
75.0
25.0
–2.4%
0
0
0
1
100.0
33.3
–2.4%
0
0
0
0
83.3
27.76
–2.4%
Block Diagram
Pin Configuration
Note:
1.
Internal pull-up resistors should not be relied upon for setting I/O
pins HIGH. Pin function with parentheses determined by MODE pin
resistor strapping. Unlike other I/O pins, input FS3 has an internal
pull-down resistor.
[1]
VDDQ3
REF0/(PCI_STOP#)
VDDQ3
IOAPIC_F
CPU_F
CPU1
CPU2
PCI_F/MODE
XTAL
PLL Ref Freq
PLL 1
X2
X1
REF1/FS2
VDDQ3
Stop
Clock
Control
Stop
Clock
Control
PCI1
PCI2
PCI3
PCI5
48MHz/FS1
24MHz/FS0
PLL2
÷2,3,4
OSC
VDDQ3
CLK_STOP#
VDDQ3
IOAPIC0
PCI4
SMBus
SDATA
Logic
SCLK
I/O Pin
Control
SDRAM0:16
SDRAMIN
17
VDDQ3
PCI0/FS3
Stop
Clock
Control
Stop
Clock
Control
VDDQ3
REF1/FS2
REF0/(PCI_STOP#)
GND
X1
X2
VDDQ3
PCI_F/MODE
PCI0/FS3
GND
PCI1
PCI2
PCI3
PCI4
VDDQ3
PCI5
SDRAMIN
SDRAM11
SDRAM10
VDDQ3
SDRAM9
SDRAM8
GND
SDRAM15
VDDQ3
IOAPIC0
IOAPIC_F
GND
CPU_F
CPU1
VDDQ3
CPU2
GND
CLK_STOP#
SDRAM16
VDDQ3
SDRAM0
SDRAM1
GND
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDDQ3
SDRAM6
SDRAM7
GND
SDRAM12
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
SDRAM14
GND
SDATA
SCLK
SDRAM13
VDDQ3
24MHz/FS0
48MHz/FS1


Similar Part No. - CY24239PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
CY24204ZC-3 CYPRESS-CY24204ZC-3 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
CY24204ZC-3T CYPRESS-CY24204ZC-3T Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
CY24204ZC-4 CYPRESS-CY24204ZC-4 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
CY24204ZC-4T CYPRESS-CY24204ZC-4T Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
More results

Similar Description - CY24239PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W155 CYPRESS-W155 Datasheet
86Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev.
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
Spread Spectrum Frequency Timing Generator
January 25, 2000, rev. B
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev.
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
Spread Spectrum BX System Frequency Generator
October 7, 1999, rev.
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com