Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260ALC3BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC260ALC3BTR-R5
Description  10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC260ALC3BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC260ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
HMC260ALC3B
Rev. 0 | Page 3 of 16
SPECIFICATIONS
Ambient temperature (TA) = 25°C, IF = 1000 MHz, LO = 13 dBm, upper sideband. All measurements performed as a downconverter on the
evaluation printed circuit board (PCB), unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
RF
10
26
GHz
LO Input
10
26
GHz
IF
dc
8
GHz
LO AMPLITUDE
9
13
15
dBm
10 GHz TO 18 GHz PERFORMANCE
Downconverter
Conversion Loss
8
10
dB
Single Sideband Noise Figure
SSB NF
8
dB
Input Third-Order Intercept
IIP3
13
18
dBm
Input 1 dB Compression Point
IP1dB
9.5
dBm
Input Second-Order Intercept
IIP2
43
dBm
Upconverter
IFIN
IFIN = 1000 MHz
Conversion Loss
7
dB
Input Third-Order Intercept
IIP3
18
dBm
Input 1 dB Compression Point
IP1dB
7
dBm
Isolation
RF to IF
14
21
dB
LO to RF
40
dB
LO to IF
25
35
dB
18 GHz TO 26 GHz PERFORMANCE
Downconverter
Conversion Loss
9
12
dB
Single Sideband Noise Figure
SSB NF
10
dB
Input Third-Order Intercept
IIP3
18
23
dBm
Input 1 dB Compression Point
IP1dB
13
dBm
Input Second-Order Intercept
IIP2
46
dBm
Upconverter
IFIN
IFIN = 1000 MHz
Conversion Loss
8
dB
Input Third-Order Intercept
IIP3
19
dBm
Input 1 dB Compression Point
IP1dB
8.5
dBm
Isolation
RF to IF
25
35
dB
LO to RF
40
dB
LO to IF
30
43
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com