Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260ALC3BTR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC260ALC3BTR-R5
Description  10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC260ALC3BTR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC260ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
10 GHz to 26 GHz, GaAs, MMIC,
Double Balanced Mixer
Data Sheet
HMC260ALC3B
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Passive; no dc bias required
Conversion loss
8 dB typical for 10 GHz to 18 GHz
9 dB typical for 18 GHz to 26 GHz
LO to RF isolation: 40 dB
Input IP3: 19 dBm typical for 18 GHz to 26 GHz
Wide IF bandwidth: dc to 8 GHz
RoHS compliant, 12-terminal, 3 mm × 3 mm, ceramic
LCC package: 9 mm2
APPLICATIONS
Point to point radios
Point to multipoint radios and very small aperture terminals
(VSATs)
Test equipment and sensors
Military end use
FUNCTIONAL BLOCK DIAGRAM
1
GND
7
GND
PACKAGE
BASE
8
RF
9
GND
10
11
12
4
2
LO
3
GND
56
HMC260ALC3B
Figure 1.
GENERAL DESCRIPTION
The HMC260ALC3B is a general-purpose, double balanced,
monolithic microwave integrated circuit (MMIC) mixer housed in
a leadless, Pb-free, RoHS compliant LCC package. The device
can be used as an upconverter or downconverter in the 10 GHz to
26 GHz frequency range. The HMC260ALC3B mixer requires no
external components or matching circuitry.
The HMC260ALC3B provides local oscillator (LO) to radio
frequency (RF) and LO to intermediate frequency (IF)
suppression due to optimized balun structures. The mixer
operates with LO amplitude levels between 9 dBm and 15 dBm.
The HMC260ALC3B eliminates the need for wire bonding,
allowing the use of surface-mount manufacturing techniques.


Similar Part No. - HMC260ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC260A AD-HMC260A Datasheet
295Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
4/2018-Revision 0
HMC260A-SX AD-HMC260A-SX Datasheet
295Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
4/2018-Revision 0
More results

Similar Description - HMC260ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LM3 HITTITE-HMC329LM3 Datasheet
282Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC554ALC3B AD-HMC554ALC3B Datasheet
420Kb / 26P
10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
10/2019-Rev. 0 to Rev. A
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com