Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260ALC3BTR-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC260ALC3BTR-R5
Description  10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC260ALC3BTR-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC260ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HMC260ALC3B
Data Sheet
Rev. 0 | Page 10 of 16
0
–30
12
28
LO FREQUENCY (GHz)
–20
–10
13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
Figure 29. LO Return Loss vs. LO Frequency, TA = 25°C, LO = 13 dBm
0
–50
RF FREQUENCY (GHz)
–40
–30
–20
–10
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
Figure 30. RF Return Loss vs. RF Frequency at Various LO Powers, TA = 25°C
0
–20
0.1
10.1
IF FREQUENCY (GHz)
–15
–10
–5
1.1
2.1
3.1
4.1
5.1
6.1
7.1
8.1
9.1
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
Figure 31. IF Return Loss vs. IF Frequency at Various LO Powers, LO = 17 GHz,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com