Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260ALC3BTR-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC260ALC3BTR-R5
Description  10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC260ALC3BTR-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC260ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HMC260ALC3B
Data Sheet
Rev. 0 | Page 14 of 16
THEORY OF OPERATION
The HMC260ALC3B is a general-purpose, double balanced
mixer that can be used as an upconverter or a downconverter
from 10 GHz to 26 GHz.
When used a downconverter, the HMC260ALC3B downconverts
RF between 10 GHz and 26 GHz to IF between dc and 8 GHz.
When used as an upconverter, the mixer upconverts IF between dc
and 8 GHz to RF between 10 GHz and 26 GHz.
The mixer performs well with LO drives of 9 dBm or greater,
and it provides LO to RF and LO to IF suppression due to opti-
mized balun structures. The ceramic LCC package eliminates the
need for wire bonding and is compatible with high volume,
surface-mount manufacturing techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com