Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260ALC3BTR-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC260ALC3BTR-R5
Description  10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC260ALC3BTR-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC260ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HMC260ALC3B
Data Sheet
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
DOWNCONVERTER PERFORMANCE
Downconverter performance at IF = 1000 MHz, upper sideband (low-side LO).
0
–20
RF FREQUENCY (GHz)
–15
–10
–5
TA = +85°C
TA = +25°C
TA = –40°C
Figure 7. Conversion Gain vs. RF Frequency at Various Temperatures,
LO = 13 dBm
30
0
RF FREQUENCY (GHz)
5
10
15
20
25
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. Input IP3 vs. RF Frequency at Various Temperatures,
LO = 13 dBm
20
15
10
5
0
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. Noise Figure vs. RF Frequency at Various Temperatures,
LO = 13 dBm
0
–20
RF FREQUENCY (GHz)
–15
–10
–5
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
Figure 10. Conversion Gain vs. RF Frequency at Various LO Power Levels,
TA = 25°C
30
0
RF FREQUENCY (GHz)
5
10
15
20
25
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
Figure 11. Input IP3 vs. RF Frequency at Various LO Power Levels,
TA = 25°C
20
15
10
5
0
RF FREQUENCY (GHz)
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
Figure 12. Noise Figure vs. RF Frequency at Various LO Power Levels, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com