Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260ALC3BTR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC260ALC3BTR-R5
Description  10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC260ALC3BTR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC260ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
HMC260ALC3B
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
GND
7
GND
PACKAGE
BASE
8
RF
9
GND
10
11
12
4
2
LO
3
GND
5
6
HMC260ALC3B
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THESE
PINS CAN BE CONNECTED TO RF/DC GROUND.
PERFORMANCE IS NOT AFFECTED.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF/DC GROUND.
Figure 2.
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 6, 7, 9
GND
Ground. These pins and package bottoms connect to RF/dc ground.
2
LO
Local Oscillator Port. This pin is ac-coupled and matched to 50 Ω.
5
IF
Intermediate Frequency Port. This pin is dc-coupled. For applications, not requiring operation to dc, dc
block this port externally using a series capacitor of a value chosen to pass the necessary IF frequency
range. For operation to dc, this pin must not source or sink more than 3 mA of current or die malfunction
and possible die failure may result. See Figure 5 for the interface schematic.
8
RF
Radio Frequency Port. This pin is ac-coupled and matched to 50 Ω.
10 to 12
NIC
Not Internally Connected. These pins can be connected to RF/dc ground. Device performance is not affected.
EPAD
Exposed Pad. The exposed pad must be connected to RF/dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
LO
Figure 4. LO Interface Schematic
IF
Figure 5. IF Interface Schematic
RF
Figure 6. RF Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com