Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC260ALC3BTR-R5 Datasheet(PDF) 15 Page - Analog Devices

Part # HMC260ALC3BTR-R5
Description  10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC260ALC3BTR-R5 Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC260ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC260ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
HMC260ALC3B
Rev. 0 | Page 15 of 16
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 40 shows the typical application circuit for the
HMC260ALC3B. The HMC260ALC3B is a passive device and
does not require any external components. The LO ad RF pins
are internally ac-coupled. The IF pin is internally dc-coupled.
When IF operation to dc is not required, use of an external series
capacitor of a value chosen to pass the necessary IF frequency
range is recommended. When IF operation to dc is required, do
not exceed the IF source and sink current rating specified in the
Absolute Maximum Ratings section.
GND
GND
RF
GND
LO
LO
RF
IF
GND
HMC260ALC3B
1
7
8
9
10
11
12
4
2
3
56
Figure 40. Typical Application Circuit
EVALUATION PCB INFORMATION
Use RF circuit design techniques for the circuit board. Ensure
that signal lines have 50 Ω impedance. Connect the package
ground leads and the exposed pad directly to the ground plane
(see Figure 41). Use a sufficient number of via holes to connect
the top and bottom ground planes. The evaluation circuit board
shown in Figure 41 is available from Analog Devices, Inc., upon
request.
Table 5. Bill of Materials
Item
Description
J1, J2
PCB mount SRI 2.92 mm connectors
J3
PCB mount Johnson SMA connector
U1
HMC260ALC3B
PCB1
117611 evaluation board on Rogers 4350
1 117611 is the raw bare PCB identifier. Reference 109728 when ordering the
complete evaluation PCB.
J1
J3
IF
LO
RF
117611–1
U1
J2
260A
Figure 41. Evaluation PCB Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com