Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX2 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP48FVBX2
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX2 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP48FVBX2 Datasheet HTML 23Page - Microchip Technology MCP48FVBX2 Datasheet HTML 24Page - Microchip Technology MCP48FVBX2 Datasheet HTML 25Page - Microchip Technology MCP48FVBX2 Datasheet HTML 26Page - Microchip Technology MCP48FVBX2 Datasheet HTML 27Page - Microchip Technology MCP48FVBX2 Datasheet HTML 28Page - Microchip Technology MCP48FVBX2 Datasheet HTML 29Page - Microchip Technology MCP48FVBX2 Datasheet HTML 30Page - Microchip Technology MCP48FVBX2 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 27
MCP48FVBXX
3.0
PIN DESCRIPTIONS
Overviews of the pin functions are provided in
Sections 3.1, “Positive Power Supply Input (VDD)”
through 3.10, “SPI - Serial Clock Pin (SCK)”. The
descriptions of the pins for the single-DAC output
device are listed in Table 3-1, and descriptions for the
dual-DAC output device are listed in Table 3-2.
TABLE 3-1:
MCP48FVBX1 (SINGLE-DAC) PINOUT DESCRIPTION
Pin
MSOP-10LD
Symbol
I/O
Buffer
Type
Standard Function
1VDD
—
P
Supply Voltage Pin
2CS
I
ST
SPI Chip Select Pin
3VREF0
A
Analog
Voltage Reference Input Pin
4VOUT0
A
Analog
Buffered Analog Voltage Output Pin
5
NC
—
—
Not Internally Connected
6LAT0/HVC
I
HV ST
DAC Register Latch/High-Voltage Command Pin.
Latch Pin allows the value in the Serial Shift Register to transfer to the
volatile DAC register.
(The HVC signal is present to indicate voltage level compatibility with
the nonvolatile device family (MCP48FEBXX)).
7VSS
—
P
Ground Reference Pin for all circuitries on the device
8
SDO
O
—
SPI Serial Data Output Pin
9
SCK
I
ST
SPI Serial Clock Pin
10
SDI
I
ST
SPI Serial Data Input Pin
Legend:
A = Analog
ST = Schmitt Trigger HV = High Voltage
I = Input
O = Output
I/O = Input/Output
P = Power
TABLE 3-2:
MCP48FVBX2 (DUAL-DAC) PINOUT DESCRIPTION
Pin
MSOP-10LD
Symbol
I/O
Buffer
Type
Standard Function
1VDD
—
P
Supply Voltage Pin
2CS
I
ST
SPI Chip Select Pin
3VREF
A
Analog
Voltage Reference Input Pin (for DAC0 and DAC1)
4VOUT0
A
Analog
Buffered Analog Voltage Output 0 Pin
5VOUT1
A
Analog
Buffered Analog Voltage Output 1 Pin
6LAT/HVC
I
HV ST
DAC Register Latch/High-Voltage Command Pin.
Latch Pin allows the value in the Serial Shift Register to transfer to the
volatile DAC register (for DAC0 and DAC1).
(The HVC signal is present to indicate voltage level compatibility with
the nonvolatile device family (MCP48FEBXX)).
7VSS
—
P
Ground Reference Pin for all circuitries on the device
8
SDO
O
—
SPI Serial Data Output Pin
9
SCK
I
ST
SPI Serial Clock Pin
10
SDI
I
ST
SPI Serial Data Input Pin
Legend:
A = Analog
ST = Schmitt Trigger HV = High Voltage
I = Input
O = Output
I/O = Input/Output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com