Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX2 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP48FVBX2
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX2 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP48FVBX2 Datasheet HTML 52Page - Microchip Technology MCP48FVBX2 Datasheet HTML 53Page - Microchip Technology MCP48FVBX2 Datasheet HTML 54Page - Microchip Technology MCP48FVBX2 Datasheet HTML 55Page - Microchip Technology MCP48FVBX2 Datasheet HTML 56Page - Microchip Technology MCP48FVBX2 Datasheet HTML 57Page - Microchip Technology MCP48FVBX2 Datasheet HTML 58Page - Microchip Technology MCP48FVBX2 Datasheet HTML 59Page - Microchip Technology MCP48FVBX2 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
MCP48FVBXX
DS20005466A-page 56
 2015 Microchip Technology Inc.
FIGURE 7-4:
24-Bit Write Command (C1:C0 = “00”) - SPI Waveform with PIC MCU (Mode 1,1).
FIGURE 7-5:
24-Bit Write Command (C1:C0 = “00”) - SPI Waveform with PIC MCU (Mode 0,0).
HVC (1)
CS
SCK
PIC Write to
SSPBUF
SDI
Input
Sample
SDO
bit23 bit22 bit21 bit20 bit19 bit18 bit17 bit16 bit15
bit1
bit0
bit23 bit22 bit21 bit20
0
bit16 bit15
bit1
bit0
AD4 AD3 AD2
AD1
bit19
0
D16
D15
D1
D0
VIH
VIL
CMDERR bit
AD0
Note
1:
If the state of the HVC pin is VIHH, then the command is ignored, but a Command Error condition (CMDERR) will NOT be generated.
HVC (1)
CS
SCK
PIC Write to
SSPBUF
SDI
Input
Sample
SDO
bit23
bit22 bit21 bit20 bit19 bit18 bit17 bit16 bit15
bit1
bit0
bit23 bit22 bit21 bit20
bit16 bit15
bit1
bit0
AD4 AD3 AD2
AD1
0
D16
D15
D1
D0
VIH
VIL
CMDERR bit
0
bit19
AD0
Note
1:
If the state of the HVC pin is VIHH, then the command is ignored, but a Command Error condition (CMDERR) will NOT be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com