Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX2 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP48FVBX2
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX2 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP48FVBX2 Datasheet HTML 40Page - Microchip Technology MCP48FVBX2 Datasheet HTML 41Page - Microchip Technology MCP48FVBX2 Datasheet HTML 42Page - Microchip Technology MCP48FVBX2 Datasheet HTML 43Page - Microchip Technology MCP48FVBX2 Datasheet HTML 44Page - Microchip Technology MCP48FVBX2 Datasheet HTML 45Page - Microchip Technology MCP48FVBX2 Datasheet HTML 46Page - Microchip Technology MCP48FVBX2 Datasheet HTML 47Page - Microchip Technology MCP48FVBX2 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
MCP48FVBXX
DS20005466A-page 44
 2015 Microchip Technology Inc.
5.4
Internal Band Gap
The internal band gap is designed to drive the Resistor
Ladder Buffer.
The resistance of a resistor ladder (RRL) is targeted to
be 140 k
 (40 k), which means a minimum
resistance of 100 k
.
The band gap selection can be used across the
VDD voltages while maximizing the VOUT voltage
ranges. For VDD voltages below the 2  Gain  VBG
voltage, the output for the upper codes will be clipped
to the VDD voltage. Table 5-4 shows the maximum
DAC register code given device VDD and Gain bit
setting.
TABLE 5-4:
VOUT USING BAND GAP
Max DAC Code (1)
12-bit 10-bit 8-bit
Comment
5.5
1
FFFh
3FFh
FFh VOUT(max) = 2.44V
(2)
2
FFFh
3FFh
FFh VOUT(max) = 4.88V
(2)
2.7
1
FFFh
3FFh
FFh VOUT(max) = 2.44V (
2)
2
8DAh
236h
8Dh ~ 0 to 55% range
2.0 (3)
1
D1Dh
347h
D1h ~ 0 to 82% range
2 ( 4)
68Eh
1A3h
68h ~ 0 to 41% range
Note 1:
Without the VOUT pin voltage being clipped.
2:
When VBG = 1.22V typical.
3:
Band gap performance achieves full
performance starting from a VDD of 2.0V.
4:
It is recommended to use Gain = 1 setting
instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com