Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX2 Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP48FVBX2
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX2 Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP48FVBX2 Datasheet HTML 62Page - Microchip Technology MCP48FVBX2 Datasheet HTML 63Page - Microchip Technology MCP48FVBX2 Datasheet HTML 64Page - Microchip Technology MCP48FVBX2 Datasheet HTML 65Page - Microchip Technology MCP48FVBX2 Datasheet HTML 66Page - Microchip Technology MCP48FVBX2 Datasheet HTML 67Page - Microchip Technology MCP48FVBX2 Datasheet HTML 68Page - Microchip Technology MCP48FVBX2 Datasheet HTML 69Page - Microchip Technology MCP48FVBX2 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
MCP48FVBXX
DS20005466A-page 66
 2015 Microchip Technology Inc.
8.7
Serial Interface Communication
Times
Table 8-1 shows time/frequency of the supported
operations of the SPI serial interface for the different
serial interface operational frequencies. This, along
with the VOUT output performance (such as slew rate),
would be used to determine your application’s volatile
DAC register update rate.
TABLE 8-1:
SERIAL INTERFACE TIMES / FREQUENCIES
Command
# of Bit
Clocks (1)
Data Update Rate
(8-bit/10-bit/12-bit)
(Data Words/Second)
Comments
Operation
Code
Mode
C
1
C
0
1 MHz
10 MHz
20 MHz (2)
Write Command
0
0 Single
24
41,666
416,666
833,333
0
0 Continuous
24
n
41,666
416,666
833,333
For 10 data words
Read Command
1
1 Single
24
41,666
416,666
N.A.
1
1 Continuous
24
n
41,666
416,666
N.A.
For 10 data words
Note 1:
“n” indicates the number of times the command operation is to be repeated.
2:
Write
command only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com