Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX2 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP48FVBX2
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX2 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP48FVBX2 Datasheet HTML 45Page - Microchip Technology MCP48FVBX2 Datasheet HTML 46Page - Microchip Technology MCP48FVBX2 Datasheet HTML 47Page - Microchip Technology MCP48FVBX2 Datasheet HTML 48Page - Microchip Technology MCP48FVBX2 Datasheet HTML 49Page - Microchip Technology MCP48FVBX2 Datasheet HTML 50Page - Microchip Technology MCP48FVBX2 Datasheet HTML 51Page - Microchip Technology MCP48FVBX2 Datasheet HTML 52Page - Microchip Technology MCP48FVBX2 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 49
MCP48FVBXX
6.0
SPI SERIAL INTERFACE
MODULE
The MCP48FVBXX’s SPI Serial Interface Module
supports the SPI serial protocol specification.
Figure 6-1 shows a typical SPI interface connection.
The command format and waveforms for the
MCP48FVBXX are defined in Section 7.0, “SPI
Commands”
.
6.1
Overview
This section details some of the specific characteristics of
the MCP48FVBXX’s Serial Interface Module.
The following sections discuss some of these
device-specific characteristics:
• Communication Data Rates
• POR/BOR
• Interface Pins (CS, SCK, SDI, SDO, and
LAT/HVC)
6.2
SPI SERIAL INTERFACE
The MCP48FVBXX devices support the SPI serial
protocol. This SPI operates in slave mode (does not
generate the serial clock).
The SPI interface uses up to four pins. These are:
•CS - Chip Select
• SCK - Serial Clock
• SDI - Serial Data In
• SDO - Serial Data Out
A typical SPI Interface is shown in Figure 6-1. In the
SPI interface, the Master’s Output pin is connected to
the Slave’s Input pin, and the Master’s Input pin is
connected to the Slave’s Output pin.
The MCP48FVBXX SPI module supports two (of the
four) standard SPI modes. These are Mode 0,0 and
1
,1. The SPI mode is determined by the state of the
SCK pin (VIH or VIL) when the CS pin transitions from
inactive (VIH) to active (VIL).
An additional HVC pin is available for High Voltage
command
support
(for
compatibility
with
MCP48FEBXX devices). The HVC pin is high-voltage
tolerant.
6.3
Communication Data Rates
The MCP48FVBXX devices support clock rates (bit
rate) of up to 20 MHz for write commands and 10 MHz
for read commands.
For most applications, the write time will be considered
more important, since that is how the device operation
is controlled.
6.4
POR/BOR
On a POR/BOR event, the SPI Serial Interface Module
state machine is reset, which includes that the
Device’s Memory Address pointer is forced to 00h.
FIGURE 6-1:
Typical SPI Interface Block Diagram.
SDI
SDO
MCP48FVBXX
SDO
SDI
SCK
SCK
(Master Out - Slave In (MOSI))
(Master In - Slave Out (MISO))
Host
Controller
Typical SPI Interface Connections
CS
I/O
Note 1:
The pin is compatible with HVC levels used for non-volatile MCP48FEBXX devices.
HVC
I/O
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com