Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX2 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP48FVBX2
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX2 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP48FVBX2 Datasheet HTML 43Page - Microchip Technology MCP48FVBX2 Datasheet HTML 44Page - Microchip Technology MCP48FVBX2 Datasheet HTML 45Page - Microchip Technology MCP48FVBX2 Datasheet HTML 46Page - Microchip Technology MCP48FVBX2 Datasheet HTML 47Page - Microchip Technology MCP48FVBX2 Datasheet HTML 48Page - Microchip Technology MCP48FVBX2 Datasheet HTML 49Page - Microchip Technology MCP48FVBX2 Datasheet HTML 50Page - Microchip Technology MCP48FVBX2 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 47
MCP48FVBXX
5.6.1
EXITING POWER-DOWN
When the device exits Power-Down mode, the
following occurs:
• Disabled circuits (op amp, resistor ladder, et al.)
are turned on
• The resistor ladder is connected to selected
reference voltage (VRL)
• The selected pull-down resistor is disconnected
•The VOUT output is driven to the voltage
represented by the volatile DAC Register’s value
and configuration bits
The VOUT output signal will require time as these
circuits are powered-up and the output voltage is driven
to the specified value as determined by the volatile
DAC register and configuration bits.
A write command forcing the PD1:PD0 bits to ‘00’, will
cause the device to exit the power-down mode.
5.7
DAC Registers, Configuration
Bits, and Status Bits
The MCP48FVBXX devices have volatile memory.
Table 4-2 shows the volatile memory and its interaction
due to a POR event.
In the volatile memory, there are five configuration bits,
the DAC registers and two volatile status bits. The
volatile DAC registers will be either 12 bits
(MCP48FVB2X), 10 bits (MCP48FVB1X), or 8 bits
(MCP48FVB0X) wide.
When the device is first powered-up, it automatically
loads the device default values to the volatile memory.
The volatile memory determines the analog output
(VOUT) pin voltage. After the device is powered-up, the
user can update the device memory.
The memory is read and written using an SPI interface.
Refer to Sections 6.0, “SPI Serial Interface Module”
and 7.0, “SPI Commands” for more details on reading
and writing the device’s memory.
Register 4-4 shows the operation of the device status
bits, and Table 4-2 shows the default factory value of
the device configuration bits after a POR/BOR event.
There is one status bit (the POR bit) which indicates if
the device VDD is above or below the POR trip point.
After a POR event, this bit is a ‘1’. Reading the Gain
Control and System Status register clears this bit (‘0’).
Note:
Since the op amp and resistor ladder were
powered-off (0V), the op amp’s input
voltage (VW) can be considered 0V. There
is a delay (TPDD) between the PD1:PD0
bits updating to ‘00’ and the op amp
driving the VOUT output. The op amp’s
settling time (from 0V) needs to be taken
into account to ensure the VOUT voltage
reflects the selected value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com