Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX2 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP48FVBX2
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX2 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP48FVBX2 Datasheet HTML 25Page - Microchip Technology MCP48FVBX2 Datasheet HTML 26Page - Microchip Technology MCP48FVBX2 Datasheet HTML 27Page - Microchip Technology MCP48FVBX2 Datasheet HTML 28Page - Microchip Technology MCP48FVBX2 Datasheet HTML 29Page - Microchip Technology MCP48FVBX2 Datasheet HTML 30Page - Microchip Technology MCP48FVBX2 Datasheet HTML 31Page - Microchip Technology MCP48FVBX2 Datasheet HTML 32Page - Microchip Technology MCP48FVBX2 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 29
MCP48FVBXX
4.0
GENERAL DESCRIPTION
The MCP48FVBX1 (MCP48FVB01, MCP48FVB11,
and MCP48FVB21) devices are single-channel voltage
output devices. The MCP48FVBX2 (MCP48FVB02,
MCP48FVB12, and MCP48FVB22) devices are
dual-channel voltage output devices.
These devices are offered with 8-bit (MCP48FVB0X),
10-bit (MCP48FVB1X) and 12-bit (MCP48FVB2X)
resolution and include volatile memory, an SPI serial
interface and a write latch (LAT) pin to control the
update of the written DAC value to the DAC output pin.
The devices use a resistor ladder architecture. The
resistor
ladder
DAC
is
driven
from
a
software-selectable voltage reference source. The
source can be either the device’s internal VDD, an
external VREF pin voltage (buffered or unbuffered) or
an internal band gap voltage source.
The DAC output is buffered with a low-power,
precision output amplifier (op amp). This output
amplifier provides a rail-to-rail output with low offset
voltage and low noise. The gain (1x or 2x) of the
output buffer is software configurable.
The devices operate from a single supply voltage. This
voltage is specified from 2.7V to 5.5V for full specified
operation, and from 1.8V to 5.5V for digital operation.
The devices operate between 1.8V and 2.7V, but
some device parameters are not specified.
The main functional blocks are:
• Power-on Reset/Brown-out Reset (POR/BOR)
• Device Memory
• Resistor Ladder
• Output Buffer/VOUT Operation
• Internal Band Gap (as a voltage reference)
• SPI Serial Interface Module
4.1
Power-on Reset/Brown-out Reset
(POR/BOR)
The internal Power-on Reset (POR)/Brown-out Reset
(BOR) circuit monitors the power supply voltage (VDD)
during operation. This circuit ensures correct device
start-up at system power-up and power-down events.
The device’s RAM retention voltage (VRAM) is lower
than the POR/BOR voltage trip point (VPOR/VBOR).
The maximum VPOR/VBOR voltage is less than 1.8V.
POR occurs as the voltage is rising (typically from 0V),
while BOR occurs as the voltage is falling (typically
from VDD(MIN) or higher).
The POR and BOR trip points are at the same voltage,
and the condition is determined by whether the
VDD voltage is rising or falling (see Figure 4-1). What
occurs is different depending on whether the reset is a
POR or a BOR.
When
VPOR/VBOR <VDD < 2.7V,
the
electrical
performance
may
not
meet
the
data
sheet
specifications. In this region, the device is capable of
reading and writing to its volatile memory if the proper
serial command is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com