Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2103 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2103
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2103 Datasheet HTML 1Page - Microchip Technology MIC2103 Datasheet HTML 2Page - Microchip Technology MIC2103 Datasheet HTML 3Page - Microchip Technology MIC2103 Datasheet HTML 4Page - Microchip Technology MIC2103 Datasheet HTML 5Page - Microchip Technology MIC2103 Datasheet HTML 6Page - Microchip Technology MIC2103 Datasheet HTML 7Page - Microchip Technology MIC2103 Datasheet HTML 8Page - Microchip Technology MIC2103 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
MIC2103/4
DS20005899A-page 2
 2017 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
MIC2103/4
3x3 QFN
1.91k
95.3k
VOUT
5V/10A
MIC2103/04
0.1μF
VIN
6.0V to 75V
2.2nF
10k
EN
1μF
2.2μF
x3
100μF
6.1μH
0.1μF
BST
DH
SW
DL
PGND
PG
AGND
VDD
PVDD
EN
VIN
FREQ
2.21k
FB
PG
ILIM
MIC2103/4
1μF
MIC2103/04
EN
VDD
EN
gm EA
COMP
SHORT
DETECTION
CONTROL
LOGIC
TIMER
SOFT
-START
FIXED TON
ESTIMATE
UVLO
LDO
THERMAL
SHUTDOWN
SOFT
START
PVDD
VREF
0.8V
COMPENSATION
D1
MODIFIED
TOFF
PG
49.9k
VDD
PG
VDD
8%
92%
100k
VIN
HSD
LSD
1.91k
95.3k
VOUT
5.0V/10A
0.1μF
SW
FB
4.7nF
10k
DL
DH
BST
Q1
Q3
2.2μF
x2
VIN
AGND
PGND
100μF
6.1μH
0.1μF
R1
R2
2.21k
VIN
6.0V to 75V
R19
R20
FREQ
PVDD
ILIM
ZC
DETECTION*
ZC DETECTION* -- MIC2103 ONLY
1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com