Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2103 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC2103
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC2103 Datasheet HTML 19Page - Microchip Technology MIC2103 Datasheet HTML 20Page - Microchip Technology MIC2103 Datasheet HTML 21Page - Microchip Technology MIC2103 Datasheet HTML 22Page - Microchip Technology MIC2103 Datasheet HTML 23Page - Microchip Technology MIC2103 Datasheet HTML 24Page - Microchip Technology MIC2103 Datasheet HTML 25Page - Microchip Technology MIC2103 Datasheet HTML 26Page - Microchip Technology MIC2103 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
 2017 Microchip Technology Inc.
DS20005899A-page 23
MIC2103/4
less than VREF. This causes the error comparator to
trigger an ON-time period. At the end of the ON-time
period, a minimum OFF-time tOFF(min) is generated to
charge CBST because the feedback voltage is still
below VREF. Then, the next ON-time period is triggered
due to the low feedback voltage. Therefore, the
switching frequency changes during the load transient,
but returns to the nominal fixed frequency once the
output has stabilized at the new load current level. With
the varying duty cycle and switching frequency, the
output recovery time is fast and the output voltage
deviation is small in MIC2103/4 converter.
FIGURE 4-2:
MIC2103/4 Load Transient
Response.
Unlike true current-mode control, the MIC2103/4 uses
the output voltage ripple to trigger an ON-time period.
The output voltage ripple is proportional to the inductor
current ripple if the ESR of the output capacitor is large
enough.
In order to meet the stability requirements, the
MIC2103/4 feedback voltage ripple should be in phase
with the inductor current ripple and are large enough to
be sensed by the gm amplifier and the error
comparator. The recommended feedback voltage
ripple is 20 mV~100 mV over full input voltage range. If
a low ESR output capacitor is selected, then the
feedback voltage ripple may be too small to be sensed
by the gm amplifier and the error comparator. Also, the
output voltage ripple and the feedback voltage ripple
are not necessarily in phase with the inductor current
ripple if the ESR of the output capacitor is very low. In
these cases, ripple injection is required to ensure
proper operation. Please refer to the Ripple Injection
subsection in Application Information for more details
about the ripple injection technique.
4.2
Discontinuous Mode (MIC2103
Only)
In continuous mode, the inductor current is always
greater than zero. However, at light loads, the MIC2103
is able to force the inductor current to operate in
discontinuous mode. Discontinuous mode is where the
inductor current falls to zero, as indicated by trace (IL)
shown in Figure 4-3. During this period, the efficiency is
optimized by shutting down all the non-essential
circuits and minimizing the supply current. The
MIC2103 wakes up and turns on the high-side
MOSFET when the feedback voltage VFB drops below
0.8V.
The MIC2103 has a zero crossing comparator (ZC
Detection) that monitors the inductor current by
sensing the voltage drop across the low-side MOSFET
during its ON-time. If the VFB > 0.8V and the inductor
current goes slightly negative, then the MIC2103
automatically powers down most of the IC circuitry and
goes into a low-power mode.
Once the MIC2103 goes into discontinuous mode, both
DH and DL are low, which turns off the high-side and
low-side MOSFETs. The load current is supplied by the
output capacitors and VOUT drops. If the drop of VOUT
causes VFB to go below VREF, then all the circuits will
wake up into normal continuous mode. First, the bias
currents of most circuits reduced during the
discontinuous mode are restored, then a tON pulse is
triggered before the drivers are turned on to avoid any
possible glitches. Finally, the high-side driver is turned
on. Figure 4-3 shows the control loop timing in
discontinuous mode.
FIGURE 4-3:
MIC2103 Control Loop
Timing (Discontinuous Mode).
I
OUT
V
OUT
V
REF
V
FB
FULL LOAD
NO LOAD
V
DH
t
OFF(min)
V
DH
V
DL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com