Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2103 Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC2103
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC2103 Datasheet HTML 26Page - Microchip Technology MIC2103 Datasheet HTML 27Page - Microchip Technology MIC2103 Datasheet HTML 28Page - Microchip Technology MIC2103 Datasheet HTML 29Page - Microchip Technology MIC2103 Datasheet HTML 30Page - Microchip Technology MIC2103 Datasheet HTML 31Page - Microchip Technology MIC2103 Datasheet HTML 32Page - Microchip Technology MIC2103 Datasheet HTML 33Page - Microchip Technology MIC2103 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
MIC2103/4
DS20005899A-page 30
 2017 Microchip Technology Inc.
subjected to high inrush currents, caused by turning the
input supply on. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage
de-rating.
The input voltage ripple will primarily depend on the
input capacitor’s ESR. The peak input current is equal
to the peak inductor current, so:
EQUATION 5-19:
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-20:
The power dissipated in the input capacitor is:
EQUATION 5-21:
5.6
Voltage Setting Components
The MIC2103/4 requires two resistors to set the output
voltage as shown in Figure 5-3:
FIGURE 5-3:
Voltage-Divider
Configuration.
The output voltage is determined by the following
equation:
EQUATION 5-22:
A typical value of R1 can be between 3 kΩ and 10 kΩ.
If R1 is too large, it may allow noise to be introduced
into the voltage feedback loop. If R1 is too small in
value, it will decrease the efficiency of the buck
converter, especially at light loads. Once R1 is
selected, R2 can be calculated using Equation 5-23:
EQUATION 5-23:
V
IN
I
LPK

ESR
CIN
=
I
CIN RMS

I
OUT MAX

D
1 D
–

P
DISS CIN

I
CIN RMS

2
ESR
CIN
=
V
OUT
V
FB
1
R1
R2
-------
+


=
Where:
VFB = 0.8V.
R2
V
FB
R1
V
OUT
V
FB
–
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com