Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2103 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC2103
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC2103 Datasheet HTML 20Page - Microchip Technology MIC2103 Datasheet HTML 21Page - Microchip Technology MIC2103 Datasheet HTML 22Page - Microchip Technology MIC2103 Datasheet HTML 23Page - Microchip Technology MIC2103 Datasheet HTML 24Page - Microchip Technology MIC2103 Datasheet HTML 25Page - Microchip Technology MIC2103 Datasheet HTML 26Page - Microchip Technology MIC2103 Datasheet HTML 27Page - Microchip Technology MIC2103 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MIC2103/4
DS20005899A-page 24
 2017 Microchip Technology Inc.
During discontinuous mode, the bias current of most
circuits are reduced. As a result, the total power supply
current during discontinuous mode is only about
400 μA, allowing the MIC2103 to achieve high
efficiency in light load applications.
4.3
Soft-Start
Soft-start reduces the power supply input surge current
at startup by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC2103/4 implements an internal digital soft-start
by making the 0.8V reference voltage VREF ramp from
0 to 100% in about 6 ms with 9.7 mV steps. Therefore,
the output voltage is controlled to increase slowly by a
stair-case VFB ramp. Once the soft-start cycle ends, the
related circuitry is disabled to reduce current
consumption. VDD must be powered up at the same
time or after VIN to make the soft-start function
correctly.
4.4
Current-Limit
The MIC2103/4 uses the RDS(ON) and external resistor
connected from ILIM pin to SW node to decide the
current limit.
FIGURE 4-4:
MIC2103/4 Current Limiting
Circuit.
In each switching cycle of the MIC2103/4 converter, the
inductor current is sensed by monitoring the low-side
MOSFET in the OFF period. The sensed voltage V(ILIM)
is compared with the power ground (PGND) after a
blanking time of 150 ns. In this way the drop voltage
over the resistor RCL (VRCL) is compared with the drop
over the bottom FET generating the short current-limit.
The small capacitor (CCL) connected from the ILIM pin
to PGND filters the switching node ringing during the off
time allowing a better short limit measurement. The
time constant created by RCL and CCL should be much
less than the minimum off time.
The VRCL drop allows programming of short limit
through the value of the resistor (RCL), If the absolute
value of the voltage drop on the bottom FET is greater
than VRCL in that case the V(ILIM) is lower than PGND
and a short-circuit event is triggered. A hiccup cycle to
treat the short event is generated. The hiccup
sequence including the soft-start reduces the stress on
the switching FETs and protects the load and supply for
severe short conditions.
The short-circuit current-limit can be programmed by
using the following formula:
EQUATION 4-3:
In case of a hard short, the short limit is folded down to
allow an indefinite hard short on the output without any
destructive effect. It is mandatory to make sure that the
inductor current used to charge the output capacitance
during soft start is under the folded short limit,
otherwise the supply will go in hiccup mode and may
not be finishing the soft-start successfully.
The MOSFET RDS(ON) varies 30% to 40% with
temperature; therefore, it is recommended to add a
50% margin to the calculated RCL in Equation 4-3 to
avoid false current limiting due to increased MOSFET
junction temperature rise. It is also recommended to
connect SW pin directly to the drain of the low-side
MOSFET to accurately sense the MOSFETs RDS(ON).
4.5
MOSFET Gate Drive
The MIC2103/4 high-side drive circuit is designed to
switch an N-channel MOSFET. The Functional Block
Diagram shows a bootstrap circuit, consisting of D1 (a
Schottky diode is recommended) and CBST. This circuit
supplies energy to the high-side drive circuit. Capacitor
CBST is charged while the low-side MOSFET is on and
the voltage on the SW pin is approximately 0V. When
the high-side MOSFET driver is turned on, energy from
CBST is used to turn the MOSFET on. As the high-side
MOSFET turns on, the voltage on the SW pin increases
to approximately VIN. Diode D1 is reverse biased and
CBST floats high while continuing to keep the high-side
MOSFET on. The bias current of the high-side driver is
less than 10 mA, so a 0.1 μF to 1 μF is sufficient to hold
CL
DETECTION
COUT
DL
DH
Q1
Q3
CIN
VIN
PGND
L
RCL
ILIM
CCL
CONTROL
LOGIC
TIMER
SOFT-START
SW
ICL
R
CL
I
CLIM
I
LPP

+0.5
 R
DS ON

V
CL
+
I
CL
-----------------------------------------------------------------------------------------------------
=
Where:
ICLIM = Desired output current limit.
∆IL(PP) = Inductor current, peak-to-peak.
RDS(ON) = On resistance of low-side power
MOSFET.
VCL = Current-limit threshold. Typical value is 14 mV.
ICL = Current-limit source current. Typical value is
80 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com