Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2103 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC2103
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC2103 Datasheet HTML 25Page - Microchip Technology MIC2103 Datasheet HTML 26Page - Microchip Technology MIC2103 Datasheet HTML 27Page - Microchip Technology MIC2103 Datasheet HTML 28Page - Microchip Technology MIC2103 Datasheet HTML 29Page - Microchip Technology MIC2103 Datasheet HTML 30Page - Microchip Technology MIC2103 Datasheet HTML 31Page - Microchip Technology MIC2103 Datasheet HTML 32Page - Microchip Technology MIC2103 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
 2017 Microchip Technology Inc.
DS20005899A-page 29
MIC2103/4
losses. At higher output loads, the core losses are
usually insignificant and can be ignored. At lower
output currents, the core losses can be a significant
contributor. Core loss information is usually available
from the magnetic vendor.
Copper loss in the inductor is calculated by
Equation 5-13:
EQUATION 5-13:
The resistance of the copper wire, RWINDING, increases
with the temperature. The value of the winding
resistance
used
should
be
at
the
operating
temperature.
EQUATION 5-14:
5.4
Output Capacitor Selection
The type of the output capacitor is usually determined
by its ESR (equivalent series resistance). Voltage and
RMS current capability are two other important factors
for selecting the output capacitor. Recommended
capacitor types are tantalum, low-ESR aluminum
electrolytic, OS-CON and POSCAP. The output
capacitor’s ESR is usually the main cause of the output
ripple. The output capacitor ESR also affects the
control loop from a stability point of view. The maximum
value of ESR is calculated:
EQUATION 5-15:
The total output ripple is a combination of voltage
ripples caused by the ESR and output capacitance.
The total ripple is calculated in Equation 5-16:
EQUATION 5-16:
As described in the Theory of Operation subsection in
Functional Description, the MIC2103/4 requires at least
20 mV peak-to-peak ripple at the FB pin to make the gm
amplifier and the error comparator behave properly.
Also, the output voltage ripple should be in phase with
the inductor current. Therefore, the output voltage
ripple caused by the output capacitors value should be
much smaller than the ripple caused by the output
capacitor ESR. If low ESR capacitors, such as ceramic
capacitors, are selected as the output capacitors, a
ripple injection method should be applied to provide
enough feedback voltage ripple. Please refer to the
Ripple Injection subsection for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated in Equation 5-17:
EQUATION 5-17:
The power dissipated in the output capacitor is:
EQUATION 5-18:
5.5
Input Capacitor Selection
The input capacitor for the power stage input VIN
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when
P
INDUCTOR Cu

I
LRMS

2
R
WINDING
=
R
WINDING Ht

R
WINDING 20
C

1 0.0042
+
T
H
T20C
–


=
Where:
TH = Temp. of wire under full load.
T20°C = Ambient temperature.
RWINDING(20°C) = Room temperature winding
resistance (usually specified by
the manufacturer).
ESR
COUT
V
OUT PP

I
LPP

---------------------------
Where:
∆VOUT(PP) = Peak-to-peak output voltage ripple.
∆IL(PP) = Peak-to-peak inductor current ripple.
V
OUT PP

I
LPP

C
OUT
f
SW
8
--------------------------------------


2
I
LPP

ESR
COUT

2
+
=
Where:
COUT = Output capacitance value.
fSW = Switching frequency.
I
COUT RMS

I
LPP

12
------------------
=
P
DISS COUT

I
COUT RMS

2
ESR
COUT
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com