Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2103 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2103
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2103 Datasheet HTML 1Page - Microchip Technology MIC2103 Datasheet HTML 2Page - Microchip Technology MIC2103 Datasheet HTML 3Page - Microchip Technology MIC2103 Datasheet HTML 4Page - Microchip Technology MIC2103 Datasheet HTML 5Page - Microchip Technology MIC2103 Datasheet HTML 6Page - Microchip Technology MIC2103 Datasheet HTML 7Page - Microchip Technology MIC2103 Datasheet HTML 8Page - Microchip Technology MIC2103 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2017 Microchip Technology Inc.
DS20005899A-page 5
MIC2103/4
DL On-Resistance, Low State RON(DLL)
—1.2
2.3
SW, BST Leakage Current
ILEAK
50
µA
Power Good
Power Good Threshold
Voltage
VPGTH
85
90
95
%VOUT Sweep VFB from Low to High
Power Good Hysteresis
VPGHYS
—6—
%VOUT Sweep VFB from High to Low
Power Good Delay Time
td(PG)
100
µs
Sweep VFB from Low to High
Power Good Low Voltage
VPG(LO)
—70
200
mV
VFB < 90% x VNOM, IPG = 1 mA
Thermal Protection
Overtemperature Shutdown
Threshold
TSD
—160
°C
TJ rising
Overtemperature Shutdown
Hysteresis
TSD(HYS)
—4—
°C
Note 1:
Specification for packaged product only
2:
The application is fully functional at low VDD (supply of the control section) if the external MOSFETs have
low voltage VTH.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
VIN = 48V, VOUT = 5V, VBST – VSW = 5V; TA = +25°C, unless noted. Bold values indicate
–40°C ≤ TJ ≤ +125°C. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com