Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2103 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2103
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2103 Datasheet HTML 8Page - Microchip Technology MIC2103 Datasheet HTML 9Page - Microchip Technology MIC2103 Datasheet HTML 10Page - Microchip Technology MIC2103 Datasheet HTML 11Page - Microchip Technology MIC2103 Datasheet HTML 12Page - Microchip Technology MIC2103 Datasheet HTML 13Page - Microchip Technology MIC2103 Datasheet HTML 14Page - Microchip Technology MIC2103 Datasheet HTML 15Page - Microchip Technology MIC2103 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
MIC2103/4
DS20005899A-page 12
 2017 Microchip Technology Inc.
FIGURE 2-31:
Case Temperature* (VIN =
12V) vs. Output Current.
FIGURE 2-32:
Case Temperature* (VIN =
48V) vs. Output Current.
FIGURE 2-33:
Case Temperature* (VIN =
75V) vs. Output Current.
FIGURE 2-34:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-35:
VDD Voltage vs. Input
Voltage.
FIGURE 2-36:
Enable Threshold vs. Input
Voltage.
Note:
*Case Temperature: The temperature measurement was taken at the hottest point on the MIC2103 case
mounted on a 5 square inch PCB. Actual results will depend upon the size of the PCB, ambient temperature,
and proximity to other heat-emitting components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com