Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773ALC3BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC773ALC3BTR-R5
Description  6GHz to 26GHz, GaAs MMIC Fundamental Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC773ALC3BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC773ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
HMC773ALC3B
Rev. F | Page 3 of 22
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
TA = 25°C, IF = 500 MHz, LO drive = 13 dBm, RF frequency range = 6.0 GHz to 16.0 GHz, all measurements performed as a
downconverter with the upper sideband selected, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
Radio Frequency
RF
6
16
GHz
Local Oscillator
LO
6
16
GHz
Intermediate Frequency
IF
dc
8
GHz
CONVERSION LOSS
9
12
dB
NOISE FIGURE
10
dB
ISOLATION
LO to RF
33
37
dB
LO to IF
30
37
dB
RF to IF
11
15
dB
INPUT THIRD-ORDER INTERCEPT
IP3
11
17
dBm
INPUT SECOND-ORDER INTERCEPT
IP2
45
dBm
INPUT POWER
1 dB Compression
P1dB
10
dBm
RETURN LOSS
RF Port
12
dB
LO Port
12
dB
TA = 25°C, IF = 500 MHz, LO drive = 13 dBm, RF frequency range = 16.0 GHz to 26.0 GHz, all measurements performed as a
downconverter with the upper sideband selected, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
Radio Frequency
RF
16
26
GHz
Local Oscillator
LO
16
26
GHz
Intermediate Frequency
IF
dc
8
GHz
CONVERSION LOSS
9
14
dB
NOISE FIGURE
12
dB
ISOLATION
LO to RF
33
37
dB
LO to IF
32
37
dB
RF to IF
15
20
dB
INPUT THIRD-ORDER INTERCEPT
IP3
16
20
dBm
INPUT SECOND-ORDER INTERCEPT
IP2
50
dBm
INPUT POWER
1 dB Compression
P1dB
10
dBm
RETURN LOSS
RF Port
10
dB
LO Port
12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com