Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773ALC3BTR-R5 Datasheet(PDF) 18 Page - Analog Devices

Part # HMC773ALC3BTR-R5
Description  6GHz to 26GHz, GaAs MMIC Fundamental Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC773ALC3BTR-R5 Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC773ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
HMC773ALC3B
Data Sheet
Rev. F | Page 18 of 22
NOISE FIGURE PERFORMANCE
25
20
15
10
5
0
6
8
10
12
14
16
18
20
22
24
26
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 73. Noise Figure vs. RF Frequency at Various Temperatures,
Upper Sideband, IF = 500 MHz, LO Drive = 13 dBm (with LO Amplifier in Line
with Lab Bench LO Source)
20
18
16
14
12
10
8
6
4
2
0
6
8
10
12
14
16
18
20
22
24
26
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 74. Noise Figure vs. RF Frequency at Various Temperatures,
Lower Sideband, IF = 500 MHz, LO Drive = 13 dBm (with LO Amplifier in Line
with Lab Bench LO Source)
20
18
16
14
12
10
8
6
4
2
0
6
8
10
12
14
16
18
20
22
24
26
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 75. Noise Figure vs. RF Frequency at Various Temperatures,
Upper Sideband, IF = 500 MHz, LO Drive = 13 dBm (Without LO Amplifier in
Line with Lab Bench LO Source)
20
18
16
14
12
10
8
6
4
2
0
6
8
10
12
14
16
18
20
22
24
26
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 76. Noise Figure vs. RF Frequency at Various Temperatures,
Lower Sideband, IF = 500 MHz, LO Drive = 13 dBm (Without LO Amplifier in
Line with Lab Bench LO Source)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com