Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773ALC3BTR-R5 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC773ALC3BTR-R5
Description  6GHz to 26GHz, GaAs MMIC Fundamental Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC773ALC3BTR-R5 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC773ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
HMC773ALC3B
Rev. F | Page 21 of 22
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 77 shows the typical application circuit for the
HMC773ALC3B. The HMC773ALC3B is a passive device and
does not require any external components. The LO and RF pins
are internally ac-coupled. When IF operation is not required
until dc, it is recommended to use an ac-coupled capacitor at
the IF port. When IF operation to dc is required, do not exceed
the IF source and sink current rating specified in the Absolute
Maximum Ratings section.
HMC773ALC3B
1
2
3
LO
LO
IF
RF
RF
9
8
7
45
6
12
11
10
IF
Figure 77. Typical Application Circuit
EVALUATION PCB INFORMATION
RF circuit design techniques must be implemented for the eval-
uation board PCB shown in Figure 78. Signal lines must have
50 Ω impedance, and the package ground leads and exposed
pad must be connected directly to the ground plane, similar to
that shown in Figure 78. Use a sufficient number of via holes to
connect the top and bottom ground planes. The evaluation
circuit board shown in Figure 78 is available from Analog
Devices, Inc., upon request.
Table 6. Bill of Materials for Evaluation PCB
EV1HMC773ALC3B
Item
Description
J1, J2
SRI SMA connector.
J3
Johnson SMA connector.
U1
HMC773ALC3B mixer.
PCB1
125040 evaluation PCB. Circuit board
material: Rogers 4350.
1 125040 is the bare PCB. Reference EV1HMC773ALC3B when ordering the
evaluation PCB assembly.
Figure 78. Evaluation PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com