Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773ALC3BTR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC773ALC3BTR-R5
Description  6GHz to 26GHz, GaAs MMIC Fundamental Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC773ALC3BTR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC773ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
HMC773ALC3B
Rev. F | Page 5 of 22
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
GND
LO
GND
GND
RF
GND
9
8
7
45
6
12
11
10
HMC773ALC3B
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THESE PINS
ARE NOT CONNECTED INTERNALLY. HOWEVER, ALL
DATA SHOWN HEREIN WAS MEASURED WITH THESE
PINS CONNECTED TO RF/DC GROUND EXTERNALLY.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF/DC GROUND.
PACKAGE
BASE
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 7, 9, 10, 12
GND
Ground. Connect these pins and package bottom to RF/dc ground. See Figure 3 for the GND interface
schematic.
2
LO
Local Oscillator Port. This pin is ac-coupled and matched to 50 Ω. See Figure 4 for the LO interface
schematic.
4, 6, 11
NIC
Not Internally Connected. These pins are not connected internally. However, all data shown herein was
measured with these pins connected to RF/dc ground externally.
5
IF
Intermediate Frequency Port. This pin is dc-coupled. For applications not requiring operation to dc,
block this pin externally using a series capacitor with a value that passes the necessary IF frequency
range. For operation to dc, to prevent device malfunction or failure, this pin must not source or sink
more than 2 mA of current. See Figure 5 for the IF interface schematic.
8
RF
Radio Frequency Port. This pin is ac-coupled and matched to 50 Ω. See Figure 6 for the RF interface
schematic.
EP
Exposed Pad. The exposed pad must be connected to RF/dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface
LO
Figure 4. LO Interface
IF
Figure 5. IF Interface
RF
Figure 6. RF Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com