Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773ALC3BTR-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # HMC773ALC3BTR-R5
Description  6GHz to 26GHz, GaAs MMIC Fundamental Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC773ALC3BTR-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC773ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
HMC773ALC3B
Data Sheet
Rev. F | Page 20 of 22
THEORY OF OPERATION
The HMC773ALC3B is a general-purpose, double balanced
mixer that can be used as an upconverter or a downconverter
from 6 GHz to 26 GHZ.
When used a downconverter, the HMC773ALC3B downconverts
radio frequencies (RF) between 6 GHz and 26 GHz to intermediate
frequencies (IF) between dc and 8 GHz.
When used as an upconverter, the mixer upconverts intermediate
frequencies between dc and 8 GHz to radio frequencies between
6 GHz and 26 GHz.
The mixer performs well with LO drives of 13 dBm or above,
and it provides excellent LO to RF and LO to IF suppression
due to optimized balun structures. The ceramic LCC package
eliminates the need for wire bonding and is compatible with high
volume, surface-mount manufacturing techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com