Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773ALC3BTR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC773ALC3BTR-R5
Description  6GHz to 26GHz, GaAs MMIC Fundamental Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC773ALC3BTR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC773ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HMC773ALC3B
Data Sheet
Rev. F | Page 4 of 22
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
RF Input Power
21 dBm
LO Input Power
21 dBm
IF Input Power
21 dBm
IF Source and Sink Current
2 mA
Channel Temperature
175°C
Continuous PDISS (T = 85°C) (Derate 4.44 mw/°C
Above 85°C)
400 mW
Maximum Peak Reflow Temperature (MSL3)1
260°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
2000 V (Class 2)
Field Induced Charged Device Model
(FICDM)
1200 V (Class C5)
1 See the Ordering Guide section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
E-12-41
120
225
°C/W
1 See JEDEC standard JESD51-2 for additional information on optimizing the
thermal impedance (PCB with 3 × 3 vias).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com