Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773ALC3BTR-R5 Datasheet(PDF) 19 Page - Analog Devices

Part # HMC773ALC3BTR-R5
Description  6GHz to 26GHz, GaAs MMIC Fundamental Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC773ALC3BTR-R5 Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC773ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC773ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
HMC773ALC3B
Rev. F | Page 19 of 22
SPURIOUS PERFORMANCE
Mixer spurious products are measured in dBc from the IF
output power level. Spurious values are (M × RF) – (N × LO).
N/A means not applicable.
M × N Spurious Outputs, IF = 500 MHz
The RF frequency = 9 GHz and RF input power = −10 dBm.
The LO frequency = 8.5 GHz and the LO input power = 13 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
+14
+33.9
+42.7
+74.4
+50.1
1
−0.7
0
+18.4
+47.7
+46.1
+71.3
2
+63.8
+58
+58.3
+64.4
+67.3
+86
3
+73.1
+78.8
+53.1
+56.1
+62.6
+82.3
4
+80.3
+90
+95.1
+95.2
+94.6
+97.3
5
+78
+84.4
+88.7
+91.9
+87.5
+93.5
The RF frequency = 16 GHz and RF input power = −10 dBm.
The LO frequency = 15.5 GHz and the LO input power = 13 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
10.5
47.3
44.1
N/A
N/A
1
17.8
0
38.8
56.4
65.2
N/A
2
85.1
63.9
51.6
66.3
83.3
629.7
3
76.6
82.7
89.5
58.3
85.4
87.2
4
N/A
74
89.9
91.3
97.4
92
5
N/A
N/A
76.2
91.3
89.1
100.5
The RF frequency = 23 GHz and RF input power = −10 dBm.
The LO frequency = 22.5 GHz and the LO input power = 13 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
11.2
38.7
N/A
N/A
N/A
1
10.4
0
39.9
55.6
N/A
N/A
2
78.1
69.7
58.8
73.1
76.3
N/A
3
N/A
76.6
88.9
60.8
87.6
77
4
N/A
N/A
78.5
91.6
91.8
87.3
5
N/A
N/A
N/A
79
91.7
97.5
M × N Spurious Outputs, IF = 1000 MHz
The RF frequency = 9 GHz and RF input power = −10 dBm.
The LO frequency = 8 GHz and the LO input power = 13 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
+11.9
+26.4
+62.6
+72.3
+49.1
1
−0.4
0
+17.6
+61.1
+59
+68.2
2
+63.4
+59.5
+59
+62.5
+90.4
+84.8
3
+73.9
+77.1
+55.2
+53.7
+68.1
+77
4
+81.6
+88.4
+91.2
+84.4
+98.2
+91.5
5
+76.5
+85
+88.2
+89.8
+99.1
+98.1
The RF frequency = 16 GHz and RF input power = −10 dBm.
The LO frequency = 15 GHz and the LO input power = 13 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
7.7
45.4
N/A
N/A
N/A
1
17.7
0
35.3
63.7
N/A
N/A
2
83.8
61.4
51.5
71
81.1
N/A
3
75.6
88.5
74.9
58.7
79.1
76.1
4
N/A
75
90
71.2
100.4
89.9
5
N/A
N/A
75.7
91.1
95.4
99.2
The RF frequency = 23 GHz and RF input power = −10 dBm.
The LO frequency = 22 GHz and the LO input power = 13 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
13.2
35.1
N/A
N/A
N/A
1
10.4
0
41
57.6
N/A
N/A
2
77.1
73.9
59.1
73.1
73
N/A
3
N/A
77.3
91.8
60.5
89.3
N/A
4
N/A
N/A
78.2
92.4
93.6
91.3
5
N/A
N/A
N/A
77.3
93
100.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com