Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NM1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R8-NM1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NM1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R8-NM1-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 5Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 6Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 7Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 8Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MODEL: R8-NM1
R8-NM1 SPECIFICATIONS
ES-9722 Rev.5 Page 3/10
http://www.m-system.co.jp/
CONNECTION DIAGRAMS
TERMINATOR
Tx+ / Rx+
Tx– / Rx–
SG
Rx+
Rx–
HOST PC
DA
DB
DG
SLD
FE
R8-NM1
DA
DB
DG
SLD
FE
R8-NM1
*1
*1. Turn on the terminator DIP switch to activate the internal terminating resistor.
■ POWER SUPPLY, EXCITATION SUPPLY CONNECTOR TERMINAL ASSIGNMENT
Printed-circuit board connector (Phoenix Contact)
Unit side connector:
MSTBV2,5/5-GF-5,08AU
Cable side connector: TFKC2,5/5-STF-5,08AU
PIN
ID
FUNCTION
No.
1
24V
Power supply 24V DC
2
0V
Power supply 0V DC
3
+
Excitation supply 24V DC
4
−
Excitation supply 0V DC
5
FE1
Grounding
1
2
3
4
5
■ NETWORK CONNECTOR ASSIGNMENT
Printed-circuit board connector (Phoenix Contact)
MC1,5/5-GF-3,5
TFMC1,5/5-STF-3,5
PIN
ID
FUNCTION
No.
1
DA
DA
2
DB
DB
3
DG
DG
4
SLD
Shield
5
FE
FE
1
2
3
4
5
Unit side connector:
Cable side connector:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com