Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NM1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-NM1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NM1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-NM1-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 5Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 6Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 7Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 8Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MODEL: R8-NM1
R8-NM1 SPECIFICATIONS
ES-9722 Rev.5 Page 2/10
http://www.m-system.co.jp/
connector for internal bus, supplied to each I/O module.
Power output current consumption must be under
operational current.)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 160 g (0.35 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Modbus to internal bus or internal power to power input to
exc. supply to FE1)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
Status Indicator LED
Miniature Jack Connector for Configuration
Modbus Connector
Connector for
Power Supply and
Excitation Supply
Function Setting
DIP SW
8
7
6
5
4
3
2
1
FRONT VIEW
TOP VIEW
On
Terminator
DIP SW
Baud Rate Setting
Rotary SW
Node Address Setting
Rotary SW
Internal Bus Connector
FE
■ STATUS INDICATOR LED
ID
COLOR
FUNCTION
Power
Green
ON when the internal 5V power is in normal
status.
Run
Green
ON with normal communication *1
Error
Red
ON when abnormal data is received.
SD
Green
ON with data transmitting
RD
Green
ON with data receiving
*1. Run LED turns off when no command is received from
the master device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com