Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NM1-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R8-NM1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NM1-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button R8-NM1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 5Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 6Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 7Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 8Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 9Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MODEL: R8-NM1
R8-NM1 SPECIFICATIONS
ES-9722 Rev.5 Page 7/10
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
■ ANALOG DATA
0 to 100% of the selected I/O range is converted into 0 to 10000 (binary).
Negative values are represented in 2’s complements.
0
15
■ PULSE DATA (16-bit data)
16-bit binary data is used for pulse data (16-bit data).
Negative value is not available, the data is shown with the range 0 to 65535.
0
15
■ PULSE DATA (32-bit data)
32-bit binary data is used for pulse data (32-bit data).
32-bit data cannot be accessed using floating addresses.
Lower 16 bits are allocated from the lowest address to higher ones, higher 16 bits in turn.
0
15
+0
Lower 16 bits
0
15
+1
Higher 16 bits
■ ANALOG DATA (TEMPERATURE DATA)
0
15
16-bit binary data is used for temperature data.
With °C, K temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data.
For example, 135.4°F is converted into 135.
Minus temperature is converted into negative values, represented in 2’s complements.
■ ANALOG DATA (CT DATA)
0
15
16-bit binary data is used for CT data.
Conversion data is shown by the engineering unit value multiplied by 100 or 1000. For example, for 520.35A when 0 to 600 A
range, the data is 52035 as the conversion data is the engineering value multiplied by 100.
Negative value is not available, the data is shown with the range 0 to 65535.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com