Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NM1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-NM1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NM1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-NM1-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 5Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 6Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 7Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 8Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MODEL: R8-NM1
R8-NM1 SPECIFICATIONS
ES-9722 Rev.5 Page 1/10
http://www.m-system.co.jp/
Remote I/O R8 Series
POWER/NETWORK MODULE
(Modbus use)
Functions & Features
• Free combination of analog and discrete I/O
• Space-saving
Typical Applications
• Remote I/O for DCS and PLC
MODEL: R8–NM1–R[1]
ORDERING INFORMATION
• Code number: R8-NM1-R[1]
Specify a code from below for [1].
(e.g. R8-NM1-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
MODULE TYPE
NM1: Modbus
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC Configurator cable (model: COP-US)
• PC configurator software (model: R8CFG)
Downloadable at M-System’s web site.
PACKAGE INCLUDES...
• Protective cover
GENERAL SPECIFICATIONS
Connection
•Power input or excitation supply: Tension clamp (Front
Twin connection)
Applicable wire size: 0.2 - 2.5 mm2
Stripped length: 10 mm
•Modbus: Tension clamp (Front Twin connection)
Applicable wire size: 0.2 - 1.5 mm2
Stripped length: 10 mm
•Internal bus or internal power or excitation supply: Via
connector
Max. number of I/O modules: 16
(Max. consumption current of I/O modules: 1.6 A)
Isolation: Modbus to internal bus or internal power or power
input to exc. supply to FE1
Status indicators: Power, Run, Error, SD, RD
Data allocation: Mode 1, 2
MODBUS COMMUNICATION
Communication: Half-duplex, asynchronous, no procedure
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable
(CPEV-S 0.9 dia.)
Transmission setting: DIP switch, rotary switch.
Data format: RTU (Binary) or ASCII
Parity: none, even or odd
Baud rate: 4800, 9600, 19.2 k, 38.4 k (bps)
Node address: With rotary switch
Terminating resistor: Built-in (DIP Switch, default: disable)
INSTALLATION
Power consumption
•DC: Approx. 12 W 24 V DC (@ internal power max. current
1.6 A) )
Internal power supply (power supply for I/O module):
• DC power supply: 5 V DC
• Current capacity: 1.6 A
Excitation supply output (excitation for I/O module)
•DC: 24 V DC ±10 %
•Operational current: 10 A
(From power supply (exitation supply) connector, via


Similar Part No. - R8-NM1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-NC3 MSYSTEM-R8-NC3 Datasheet
306Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NC3-R MSYSTEM-R8-NC3-R Datasheet
306Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NC3-R/Q MSYSTEM-R8-NC3-R/Q Datasheet
306Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-ND1 MSYSTEM-R8-ND1 Datasheet
320Kb / 4P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NECT1 MSYSTEM-R8-NECT1 Datasheet
233Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
More results

Similar Description - R8-NM1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESR8FST4N MSYSTEM-ESR8FST4N Datasheet
288Kb / 5P
Remote I/O R8 Series
ESR8DCT4D MSYSTEM-ESR8DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series
R8-PS1 MSYSTEM-R8-PS1 Datasheet
207Kb / 3P
Remote I/O R8 Series EXTENSION POWER SUPPLY MODULE
R8-NEIP1 MSYSTEM-R8-NEIP1 Datasheet
232Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NECT1 MSYSTEM-R8-NECT1 Datasheet
233Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-ND1 MSYSTEM-R8-ND1 Datasheet
320Kb / 4P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NC3 MSYSTEM-R8-NC3 Datasheet
306Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-DCT4D MSYSTEM-R8-DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series RELAY OUTPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
R8-TC2 MSYSTEM-R8-TC2 Datasheet
256Kb / 7P
Remote I/O R8 Series TEMPERATURE CONTROL MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com