Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NM1-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # R8-NM1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NM1-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button R8-NM1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 5Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 6Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 7Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 8Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 9Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MODEL: R8-NM1
R8-NM1 SPECIFICATIONS
ES-9722 Rev.5 Page 10/10
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE1 terminal to ground.
Caution: FE1 terminal is NOT a protective conductor terminal.
INTERNAL BUS
JACK
DA
DB
DG
SLD
FE
TO OTHER
MODBUS
DEVICES
Comm.
Circuit
Control
Circuit
STATUS
INDICATOR
Isolation
ROTARY SW
DIP SW
EXC. SUPPLY (24V)
INTERNAL
POWER (5V)
PC CONFIGURATION JACK
Power
Circuit
(No isolation)
+24V
0V
+
−
FE1
POWER
EXC. SUPPLY
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com