Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NM1-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R8-NM1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NM1-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R8-NM1-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 5Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 6Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 7Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 8Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MODEL: R8-NM1
R8-NM1 SPECIFICATIONS
ES-9722 Rev.5 Page 5/10
http://www.m-system.co.jp/
MODBUS I/O ASSIGNMENT
The DIP SW located at the front of the module switches the unit’s data allocation mode.
In the Data Allocation Mode 1, one (1) word is assigned per module. The second channel of analog I/O modules cannot be used.
When I/O module of 32-bit data is used, set the Data Allocation Mode to 2.
In the Data Allocation Mode 2, two (2) words are assigned per module regardless of whether the second word area is required
or not.
For discrete I/O, 16-channel area is automatically assigned to each module. With a 4-channel module, the bits assigned to ch. 5
through 16 remain “0.”
A 4-point analog I/O module takes two addresses per module. For example with the model R8-SV4N located at the module
address 5, the inputs 1 and 2 are assigned to the address 5, and the inputs 3 and 4 are to the address 6. Do not assign another
module to the address 6. All 4 inputs (input 1 through 4) can be used with Data Allocation Mode 2, while only the inputs 1 and 3
can be used with Data Allocation Mode 1. R8-NM1 Version 1.04 or later can deal with I/O mixed modules. The version of R8-NM1
is confirmed with configurator software (model: R8CFG).
Note: DO NOT access addresses other than mentioned below. Such access may cause problems such as inadequate operation.
Coil (0X)
1 – 16
Module address 0
Do 1 – 16
17 – 32
Module address 1
Do 1 – 16
33 – 48
Module address 2
Do 1 – 16
49 – 64
Module address 3
Do 1 – 16
:
:
:
497 – 512
Module address 31
Do 1 – 16
Inputs (1X)
1 – 16
Module address 0
Di 1 – 16
17 – 32
Module address 1
Di 1 – 16
33 – 48
Module address 2
Di 1 – 16
49 – 64
Module address 3
Di 1 – 16
:
:
:
497 – 512
Module address 31
Di 1 – 16
513 – 544
Active module map
545 – 560
Status



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com