Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NM1-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R8-NM1-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NM1-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button R8-NM1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 5Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 6Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 7Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 8Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 9Page - M-System Co.,Ltd. R8-NM1-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MODEL: R8-NM1
R8-NM1 SPECIFICATIONS
ES-9722 Rev.5 Page 6/10
http://www.m-system.co.jp/
■ Data Allocation Mode 1
Input
Registers
(3X)
1
Module address 0
Ai 1 (INT)
2
Module address 1
Ai 1 (INT)
3
Module address 2
Ai 1 (INT)
4
Module address 3
Ai 1 (INT)
:
:
:
32
Module address 31
Ai 1 (INT)
33, 34
Module address 0
Ai 1 (Float)
35, 36
Module address 1
Ai 1 (Float)
37, 38
Module address 2
Ai 1 (Float)
39, 40
Module address 3
Ai 1 (Float)
:
:
:
95, 96
Module address 31
Ai 1 (Float)
Holding
Registers
(4X)
1
Module address 0
Ao 1 (INT)
2
Module address 1
Ao 1 (INT)
3
Module address 2
Ao 1 (INT)
4
Module address 3
Ao 1 (INT)
:
:
:
32
Module address 31
Ao 1 (INT)
33, 34
Module address 0
Ao 1 (Float)
35, 36
Module address 1
Ao 1 (Float)
37, 38
Module address 2
Ao 1 (Float)
39, 40
Module address 3
Ao 1 (Float)
:
:
:
95, 96
Module address 31
Ao 1 (Float)
■ Data Allocation Mode 2
Input
Registers
(3X)
1
Module address 0
Ai 1 (INT)
2
Module address 0
Ai 2 (INT)
3
Module address 1
Ai 1 (INT)
4
Module address 1
Ai 2 (INT)
:
:
:
63
Module address 31
Ai 1 (INT)
64
Module address 31
Ai 2 (INT)
65, 66
Module address 0
Ai 1 (Float)
67, 68
Module address 0
Ai 2 (Float)
69, 70
Module address 1
Ai 1 (Float)
71, 72
Module address 1
Ai 2 (Float)
:
:
:
189, 190
Module address 31
Ai 1 (Float)
191, 192
Module address 31
Ai 2 (Float)
Holding
Registers
(4X)
1
Module address 0
Ao 1 (INT)
2
Module address 0
Ao 2 (INT)
3
Module address 1
Ao 1 (INT)
4
Module address 1
Ao 2 (INT)
:
:
:
63
Module address 31
Ao 1 (INT)
64
Module address 31
Ao 2 (INT)
65, 66
Module address 0
Ao 1 (Float)
67, 68
Module address 0
Ao 2 (Float)
69, 70
Module address 1
Ao 1 (Float)
71, 72
Module address 1
Ao 2 (Float)
:
:
:
189, 190
Module address 31
Ao 1 (Float)
191, 192
Module address 31
Ao 2 (Float)
513
544
■ ACTIVE MODULE MAP
Indicates the I/O modules are mounted to the board. When the module is mounted, the corresponding bit turns to “1.”
Module address 0
Module address 1
Module address 2
Module address 31
■ STATUS
Communication status data. When one or more I/O modules are mounted on the base, the corresponding bit turns to “0.”
545
560
“0”
“0”
“0”
“0”
I/O Module Found (0 : I/O module(s) found, 1 : No I/O module found)
“0”
“0”
“0”
Internal Communication Counter
(Every Internal Communication Cycle Adds +1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com