Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 770
Description  Single Band LNA and Mixer FEIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

770 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  770 Datasheet HTML 1Page - Freescale Semiconductor, Inc 770 Datasheet HTML 2Page - Freescale Semiconductor, Inc 770 Datasheet HTML 3Page - Freescale Semiconductor, Inc 770 Datasheet HTML 4Page - Freescale Semiconductor, Inc 770 Datasheet HTML 5Page - Freescale Semiconductor, Inc 770 Datasheet HTML 6Page - Freescale Semiconductor, Inc 770 Datasheet HTML 7Page - Freescale Semiconductor, Inc 770 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Specifications
MC13770 Technical Data, Rev. 2
Freescale Semiconductor
3
Table 3. Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Turn-on Time
-
100
-
ns
LNA High Gain Mode (Frequency = 2140 MHz, VCC = 2.75 V, Bypass = 2.75 V, Enable = 2.75 V)
LNA Gain
-
15
-
dB
LNA Noise Figure
-
1.5
-
dB
LNA Input IP3
-
0
-
dBm
LNA Supply Current
IDD
-
3.0
-
mA
LNA Low Gain Mode (RF = 2140 MHz, VCC = 2.75 V, Bypass = 0 V, Enable = 2.75 V)
LNA Gain
-
-5.0
-
dB
LNA Noise Figure
-
5.0
-
dB
LNA Input IP3
-
20
-
dBm
LNA Supply Current
IDD
-
10
-
µA
Mixer Mode (RF = 2140 MHz, LO = 2520 MHz, VCC = 2.75 Vdc, Enable = 2.75 V)
Conversion Gain
-
10
-
dB
SSB Noise Figure
-
8.0
-
dB
Input IP3
-
-3.0
-
dBm
Supply Current
-
5.0
-
mA
LO Drive Level
-
-10
-
dBm
Note: Tone spacing for IIP3 measurement is 5.0 MHz.
Table 4. Truth Table
(1 = 2.75 V, 0 = 0 V)
Enable
Bypass
Mode
0
0
Sleep
0
1
Undefined - do not use
1
0
Low Gain
1
1
High Gain



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com