Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 770
Description  Single Band LNA and Mixer FEIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

770 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  770 Datasheet HTML 1Page - Freescale Semiconductor, Inc 770 Datasheet HTML 2Page - Freescale Semiconductor, Inc 770 Datasheet HTML 3Page - Freescale Semiconductor, Inc 770 Datasheet HTML 4Page - Freescale Semiconductor, Inc 770 Datasheet HTML 5Page - Freescale Semiconductor, Inc 770 Datasheet HTML 6Page - Freescale Semiconductor, Inc 770 Datasheet HTML 7Page - Freescale Semiconductor, Inc 770 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Applications Information
MC13770 Technical Data, Rev. 2
Freescale Semiconductor
5
Figure 2. Application Schematic
Table 6. Bill of Material for Application Schematic
Component
190 MHz IF
380 MHz IF
C3
1.2 pF
2.2 pF
C4
1.2 pF
2.2 pF
C10
1.2 pF
1.2 pF
L3
150 nH
39 nH
L4
150 nH
39 nH
R3
5.0 k
Ω
20 k
Ω
Note: All other components are the same for both configurations.
10
11
12
9
8
7
6
5
1
2
3
4
C11 1.0 pF
Mix In
LNA In
IF
L1
2.7 nH
Bypass
LNA Out
V
CC2
V
CC1
C7
33 pF
C9
0.01 µF
C1 33 pF
C12
0.5 pF
C2 33 pF
C8 0.01 µF
L3 *
L4 *
C3 *
C4 *
C10 *
8:1
C5
33 pF
C6
33 pF
Enable
LO+
R1
4.3 k
L2
2.7 nH
Mini-Circuits
TC8-1 Transformer
R2
470
Ω
* See Table 6 for values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com