Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 770
Description  Single Band LNA and Mixer FEIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

770 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

  770 Datasheet HTML 1Page - Freescale Semiconductor, Inc 770 Datasheet HTML 2Page - Freescale Semiconductor, Inc 770 Datasheet HTML 3Page - Freescale Semiconductor, Inc 770 Datasheet HTML 4Page - Freescale Semiconductor, Inc 770 Datasheet HTML 5Page - Freescale Semiconductor, Inc 770 Datasheet HTML 6Page - Freescale Semiconductor, Inc 770 Datasheet HTML 7Page - Freescale Semiconductor, Inc 770 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Packaging Information
MC13770 Technical Data, Rev. 2
Freescale Semiconductor
7
5
Packaging Information
Figure 4. Outline Dimensions for QFN-12
(Case 1345-01, Issue A)
LASER MARK FOR PIN 1
IDENTIFICATION IN
THIS AREA
3
B
C
0.1
2X
2X
C
0.1
A
3
G
M
M
1.0 1.00
0.05
C
0.1
C
0.05
C SEATING PLANE
5
DETAIL G
VIEW ROTATED 90° CLOCKWISE
(0.5)
(0.24)
0.8 0.75
0.00
PIN 1 BACKSIDE IDENTIFIER
DETAIL M
DETAIL S
8X
(0.777)
4X
(0.25)
DETAIL S
PIN 1 BACKSIDE IDENTIFIER
(90°)
2X
2X
0.39
0.31
0.1
0.0
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
3. THE COMPLETE JEDEC DESIGNATOR FOR THIS
PACKAGE IS: HF-PQFP-N.
4. CORNER CHAMFER MAY NOT BE PRESENT.
DIMENSIONS OF OPTIONAL FEATURES ARE FOR
REFERENCE ONLY.
5. COPLANARITY APPLIES TO LEADS, CORNER LEADS,
AND DIE ATTACH PAD.
N
EXPOSED DIE
ATTACH PAD
10
3
1
12
0.95
8X
0.5
9
7
64
M
0.1
C
M
0.05
C
A B
12X
0.75
0.5
C
0.1
A B
VIEW M-M
DETAIL M
PIN 1 IDENTIFIER
1.25
0.95
1.25
C
0.1
A B
12X
0.3
0.18
4
CORNER CONFIGURATION
DETAIL N
(0.18)
4X
(1.177)
8X
(45°)
4X
0.065
0.015
12X
(R0.09)
3X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com