Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 770
Description  Single Band LNA and Mixer FEIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

770 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  770 Datasheet HTML 1Page - Freescale Semiconductor, Inc 770 Datasheet HTML 2Page - Freescale Semiconductor, Inc 770 Datasheet HTML 3Page - Freescale Semiconductor, Inc 770 Datasheet HTML 4Page - Freescale Semiconductor, Inc 770 Datasheet HTML 5Page - Freescale Semiconductor, Inc 770 Datasheet HTML 6Page - Freescale Semiconductor, Inc 770 Datasheet HTML 7Page - Freescale Semiconductor, Inc 770 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Freescale Semiconductor, Inc., 2003, 2005. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
MC13770/D
Rev. 2, 11/2003
MC13770
Package Information
Plastic Package
Case 1345
(QFN-12)
(Scale 2:1)
Ordering Information
Device
Device Marking
Package
MC13770FC
770
QFN-12
1
Introduction
The MC13770 is a single band front-end IC designed for
wireless receiver applications. It contains a low noise
LNA and a high linearity mixer. The LNA is integrated
with a bypass switch to preserve input intercept
performance. The device is fabricated using Freescale's
Advanced RF BiCMOS process using the SiGe:C option
and is packaged in a 12 pin Quad Flat Non-leaded
package.
1.1
Features
•
RF Input Frequency: 2100 to 2400 MHz
•
LNA Gain = 15 dB (Typ)
•
LNA Input 3rd Order Intercept Point (IIP3) =
0 dBm (Typ)
•
LNA Noise Figure (NF) = 1.5 dB (Typ)
•
Bypass Mode Included for Improved Intercept
Point Performance
•
Double Balanced Mixer
•
Mixer Conversion Gain = 10 dB (Typ)
•
Mixer Noise Figure (NF) = 8.0 dB (Typ)
MC13770
Single Band LNA and Mixer FEIC
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Electrical Specifications . . . . . . . . . . . . . . . . 2
3 Contact Description . . . . . . . . . . . . . . . . . . . . 4
4 Applications Information . . . . . . . . . . . . . . . . 4
5 Packaging Information. . . . . . . . . . . . . . . . . . 7


Similar Part No. - 770

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
770 CTS-770 Datasheet
91Kb / 3P
Single In-Line Conformal
logo
List of Unclassifed Man...
770 ETC2-770 Datasheet
309Kb / 2P
Miniature connector
logo
Adafruit Industries
770 ADAFRUIT-770 Datasheet
156Kb / 3P
Waterproof 2xAA Battery Holder with On/Off Switch
11/12/2015
logo
Master Lock Company LLC...
770 MASTERLOCK-770 Datasheet
34Kb / 1P
Solid Steel Hasp & Hidden Shackle Padlock
logo
Keystone Electronics Co...
770 KEYSTONE-770 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results

Similar Description - 770

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
1GHz low voltage LNA and mixer
1999 Mar 26
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
1GHz low voltage LNA and mixer
1998 Jan 08
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX2320 MAXIM-MAX2320 Datasheet
526Kb / 28P
Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
Infineon Technologies A...
BGA711L7 INFINEON-BGA711L7 Datasheet
714Kb / 23P
Low Power Single-Band UMTS LNA
V3.2, May 2009
logo
NXP Semiconductors
MC13770 NXP-MC13770 Datasheet
432Kb / 8P
Single Band LNA and Mixer FEIC
Rev. 2, 11/2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com