Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 770
Description  Single Band LNA and Mixer FEIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

770 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  770 Datasheet HTML 1Page - Freescale Semiconductor, Inc 770 Datasheet HTML 2Page - Freescale Semiconductor, Inc 770 Datasheet HTML 3Page - Freescale Semiconductor, Inc 770 Datasheet HTML 4Page - Freescale Semiconductor, Inc 770 Datasheet HTML 5Page - Freescale Semiconductor, Inc 770 Datasheet HTML 6Page - Freescale Semiconductor, Inc 770 Datasheet HTML 7Page - Freescale Semiconductor, Inc 770 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC13770 Technical Data, Rev. 2
2
Freescale Semiconductor
Electrical Specifications
•
Mixer Input 3rd Order Intercept Point (IIP3) = -3.0 dBm (Typ)
•
Total Supply Current = 8.0 mA
LNA = 3.0 mA
Mixer = 5.0 mA
Figure 1. Simplified Block Diagram
2
Electrical Specifications
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
3.6
V
Storage Temperature Range
Tstg
-65 to 150
°C
Operating Temperature Range
TA
-40 to 85
°C
Note: Maximum Ratings and ESD
1. Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be
restricted to the limits in the Electrical Characteristics tables or Pin Descriptions section.
2. ESD (electrostatic discharge) immunity meets Human Body Model (HBM)
≤100 V and Machine Model (MM) ≤30 V.
Additional ESD data available upon request.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage
2.7
2.75
3.0
Vdc
Logic Voltage (Enable and Bypass Pins)
V
Input High Voltage
0.85 VCC
-
VCC
Input Low Voltage
0
-
0.15 VCC
LNA Out
Mix In
LO In+
IF+
IF-
LNA In
Bypass
Enable
LO In-
Mix Bias



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com