Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 770
Description  Single Band LNA and Mixer FEIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

770 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  770 Datasheet HTML 1Page - Freescale Semiconductor, Inc 770 Datasheet HTML 2Page - Freescale Semiconductor, Inc 770 Datasheet HTML 3Page - Freescale Semiconductor, Inc 770 Datasheet HTML 4Page - Freescale Semiconductor, Inc 770 Datasheet HTML 5Page - Freescale Semiconductor, Inc 770 Datasheet HTML 6Page - Freescale Semiconductor, Inc 770 Datasheet HTML 7Page - Freescale Semiconductor, Inc 770 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC13770 Technical Data, Rev. 2
4
Freescale Semiconductor
Contact Description
3
Contact Description
4
Applications Information
Figure 2 shows the typical application circuit for 2110 to 2140 MHz band. The Mixer input is internally
broadband matched. Two typical IF output match circuits are provided in Table 6 on page 5.
Table 5. Contact Function Description
Pin
Symbol
Description
1
LNA Out
LNA Output
2
Bypass
LNA Bypass Control
3
Mix In
Mixer Input
4
Enable
Chip Enable
5
LO+
Local Oscillator Input +
6
LO-
Local Oscillator Input -
7
IF+
Differential IF Output +
8
IF-
Differential IF Output -
9
VCC
Supply
10
LNA In
LNA Input
11
Gnd
Ground
12
Mix Bias
Mixer Bias Adjustment



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com