Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770 Datasheet (PDF) - Freescale Semiconductor, Inc

770 Datasheet PDF - Freescale Semiconductor, Inc
Part # 770
Download  770 Download
File Size   390.08 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Single Band LNA and Mixer FEIC

770 Datasheet (PDF)

Go To PDF Page Download Datasheet
770 Datasheet PDF - Freescale Semiconductor, Inc

Part # 770
Download  770 Click to download

File Size   390.08 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Single Band LNA and Mixer FEIC

770 Datasheet (HTML) - Freescale Semiconductor, Inc


770 Product details

Introduction
The MC13770 is a single band front-end IC designed for wireless receiver applications. It contains a low noise LNA and a high linearity mixer. The LNA is integrated with a bypass switch to preserve input intercept performance. The device is fabricated using Freescales Advanced RF BiCMOS process using the SiGe:C option and is packaged in a 12 pin Quad Flat Non-leaded package.

Features
• RF Input Frequency: 2100 to 2400 MHz
• LNA Gain = 15 dB (Typ)
• LNA Input 3rd Order Intercept Point (IIP3) = 0 dBm (Typ)
• LNA Noise Figure (NF) = 1.5 dB (Typ)
• Bypass Mode Included for Improved Intercept Point Performance
• Double Balanced Mixer
• Mixer Conversion Gain = 10 dB (Typ)
• Mixer Noise Figure (NF) = 8.0 dB (Typ)
• Mixer Input 3rd Order Intercept Point (IIP3) = -3.0 dBm (Typ)
• Total Supply Current = 8.0 mA
    LNA = 3.0 mA
    Mixer = 5.0 mA




Similar Part No. - 770

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
770 CTS-770 Datasheet
91Kb / 3P
Single In-Line Conformal
logo
List of Unclassifed Man...
770 ETC2-770 Datasheet
309Kb / 2P
Miniature connector
logo
Adafruit Industries
770 ADAFRUIT-770 Datasheet
156Kb / 3P
Waterproof 2xAA Battery Holder with On/Off Switch
11/12/2015
logo
Master Lock Company LLC...
770 MASTERLOCK-770 Datasheet
34Kb / 1P
Solid Steel Hasp & Hidden Shackle Padlock
logo
Keystone Electronics Co...
770 KEYSTONE-770 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results


Similar Description - 770

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
1GHz low voltage LNA and mixer
1999 Mar 26
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
1GHz low voltage LNA and mixer
1998 Jan 08
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX2320 MAXIM-MAX2320 Datasheet
526Kb / 28P
Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
Infineon Technologies A...
BGA711L7 INFINEON-BGA711L7 Datasheet
714Kb / 23P
Low Power Single-Band UMTS LNA
V3.2, May 2009
logo
NXP Semiconductors
MC13770 NXP-MC13770 Datasheet
432Kb / 8P
Single Band LNA and Mixer FEIC
Rev. 2, 11/2003
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com