Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095T Datasheet(PDF) 56 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 52Page - STMicroelectronics STW5095T Datasheet HTML 53Page - STMicroelectronics STW5095T Datasheet HTML 54Page - STMicroelectronics STW5095T Datasheet HTML 55Page - STMicroelectronics STW5095T Datasheet HTML 56Page - STMicroelectronics STW5095T Datasheet HTML 57Page - STMicroelectronics STW5095T Datasheet HTML 58Page - STMicroelectronics STW5095T Datasheet HTML 59Page - STMicroelectronics STW5095T Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
10 Analog Input/output Operative Ranges
STw5095
56/69
10
Analog Input/output Operative Ranges
10.1
Analog levels
Reference full scale analog levels
10.2
Microphone input levels
Absolute levels at pins connected to preamplifiers
Analog supply range: 2.7 V < VCCA <3.3 V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0dBFS level
2.7V < VCCA < 3.3V
12
4
dBVpp
Vpp
0dBFS level low voltage
mode
2.4V < VCCA < 2.7V
10
3.18
dBVpp
Vpp
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Overload level, single
ended
MIC gain = 0 to 6dB
707
2
-6
mVRMS
Vpp
dBFS
Overload level,single
ended, versus MIC gain
MIC gain > 6dB
−(MIC_Gain)
dBFS
Overload level, differential
MIC gain = 0dB
1.41
4
0
mVRMS
Vpp
dBFS
Overload level, differential,
versus MIC gain
MIC gain > 0dB
−(MIC_Gain)
dBFS
Note: When 2.4 V < VCCA < 2.7 V, voltage values are reduced by 2dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com